Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS-734256 Datasheet(PDF) 9 Page - AMI SEMICONDUCTOR

Part # AMIS-734256
Description  25關m-pitch Wide Aperture Spectroscopic Photodiode Arrays
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-734256 Datasheet(HTML) 9 Page - AMI SEMICONDUCTOR

  AMIS-734256 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-734256 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-734256 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-734256 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-734256 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-734256 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-734256 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-734256 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-734256 Datasheet HTML 9Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
AMIS-734256, AMIS-734512, AMIS-734024
Data Sheet
25µm-pitch Wide Aperture Spectroscopic Photodiode Arrays
12.0 Company or Product Inquiries
For more information about AMI Semiconductor, our technology and our product, visit our Web site at: http://www.amis.com
North America
Tel: +1.208.233.4690
Fax: +1.208.234.6795
Europe
Tel: +32 (0) 55.33.22.11
Fax: +32 (0) 55.31.81.12
Production Technical Data - The information contained in this document applies to a product in production. AMI Semiconductor and its subsidiaries (“AMIS”) have made every effort to ensure
that the information is accurate and reliable. However, the characteristics and specifications of the product are subject to change without notice and the information is provided “AS IS” without
warranty of any kind (express or implied). Customers are advised to obtain the latest version of relevant information to verify that data being relied on is the most current and complete. AMIS
reserves the right to discontinue production and change specifications and prices at any time and without notice. Products sold by AMIS are covered by the warranty and patent
indemnification provisions appearing in its Terms of Sale only. AMIS makes no other warranty, express or implied, and disclaims the warranties of noninfringement, merchantability, or fitness
for a particular purpose. AMI Semiconductor's products are intended for use in ordinary commercial applications. These products are not designed, authorized, or warranted to be suitable for
use in life-support systems or other critical applications where malfunction may cause personal injury. Inclusion of AMIS products in such applications is understood to be fully at the
customer’s risk. Applications requiring extended temperature range, operation in unusual environmental conditions, or high reliability, such as military or medical life-support, are specifically
not recommended without additional processing by AMIS for such applications. Copyright © 2006 AMI Semiconductor, Inc.
9
AMI Semiconductor – Aug. 06, M-20603-001
www.amis.com


Similar Part No. - AMIS-734256

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-732128 AMI-AMIS-732128 Datasheet
232Kb / 9P
   50關m-pitch Wide Aperture Spectroscopic Photodiode Arrays
AMIS-732256 AMI-AMIS-732256 Datasheet
232Kb / 9P
   50關m-pitch Wide Aperture Spectroscopic Photodiode Arrays
AMIS-732512 AMI-AMIS-732512 Datasheet
232Kb / 9P
   50關m-pitch Wide Aperture Spectroscopic Photodiode Arrays
More results

Similar Description - AMIS-734256

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
PI0000HSN AMI-PI0000HSN Datasheet
1Mb / 8P
   25-關m-Pitch Wide Aperture Spectroscopic Photodiode Arrays
AMIS-732128 AMI-AMIS-732128 Datasheet
232Kb / 9P
   50關m-pitch Wide Aperture Spectroscopic Photodiode Arrays
PI0000WSN AMI-PI0000WSN Datasheet
3Mb / 8P
   50-mm-Pitch Wide Aperture Spectroscopic Photodiode Arrays
PI0512WS AMI-PI0512WS Datasheet
2Mb / 8P
   512-Pixel 50-mm-Pitch Wide Aperture Spectroscopic Photodiode Array
logo
Hamamatsu Corporation
S4111 HAMAMATSU-S4111_15 Datasheet
295Kb / 6P
   Si photodiode arrays
logo
ANADIGICS, Inc
PD075 ANADIGICS-PD075 Datasheet
180Kb / 2P
   75關m InGaAs Photodiode
PD070 ANADIGICS-PD070 Datasheet
179Kb / 2P
   70關m InGaAs Photodiode
PD100 ANADIGICS-PD100 Datasheet
179Kb / 2P
   100關m InGaAs Photodiode
PD500 ANADIGICS-PD500 Datasheet
122Kb / 2P
   500關m InGaAs Photodiode
PD300 ANADIGICS-PD300 Datasheet
179Kb / 2P
   300關m InGaAs Photodiode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com