Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGF90H60TG Datasheet(PDF) 6 Page - Microsemi Corporation

Part # APTGF90H60TG
Description  Full - Bridge NPT IGBT Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGF90H60TG Datasheet(HTML) 6 Page - Microsemi Corporation

  APTGF90H60TG Datasheet HTML 1Page - Microsemi Corporation APTGF90H60TG Datasheet HTML 2Page - Microsemi Corporation APTGF90H60TG Datasheet HTML 3Page - Microsemi Corporation APTGF90H60TG Datasheet HTML 4Page - Microsemi Corporation APTGF90H60TG Datasheet HTML 5Page - Microsemi Corporation APTGF90H60TG Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
APTGF90H60TG
www.microsemi.com
6 - 6
Cies
Cres
Coes
100
1000
10000
0
1020304050
Capacitance vs Collector to Emitter Voltage
VCE, Collector to Emitter Voltage (V)
0
50
100
150
200
250
0
200
400
600
800
Reverse Bias Safe Operating Area
VCE, Collector to Emitter Voltage (V)
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration (Seconds)
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
Operating Frequency vs Collector Current
Hard
switching
ZCS
ZVS
0
40
80
120
160
200
20
40
60
80
100
120
IC, Collector Current (A)
V
CE = 400V
D = 50%
RG = 5Ω
T
J = 125°C
T
C = 75°C
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APTGF90H60TG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGF90H60TG ADPOW-APTGF90H60TG Datasheet
315Kb / 6P
   Full - Bridge NPT IGBT Power Module
More results

Similar Description - APTGF90H60TG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF25H120T3G MICROSEMI-APTGF25H120T3G Datasheet
291Kb / 6P
   Full - Bridge NPT IGBT Power Module
APTGF50H60T1G MICROSEMI-APTGF50H60T1G Datasheet
321Kb / 6P
   Full - Bridge NPT IGBT Power Module
APTGF90H60T3G MICROSEMI-APTGF90H60T3G Datasheet
246Kb / 7P
   Full - Bridge NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF180H60 ADPOW-APTGF180H60 Datasheet
294Kb / 6P
   Full - Bridge NPT IGBT Power Module
APTGF25H120T3 ADPOW-APTGF25H120T3 Datasheet
320Kb / 6P
   Full - Bridge NPT IGBT Power Module
APTGF30H60T3 ADPOW-APTGF30H60T3 Datasheet
322Kb / 6P
   Full - Bridge NPT IGBT Power Module
logo
Microsemi Corporation
APTGF75H120TG MICROSEMI-APTGF75H120TG Datasheet
261Kb / 5P
   Full - Bridge NPT IGBT Power Module
APTGF50H60T3G MICROSEMI-APTGF50H60T3G Datasheet
294Kb / 6P
   Full - Bridge NPT IGBT Power Module
APTGF150H120G MICROSEMI-APTGF150H120G Datasheet
250Kb / 5P
   Full - Bridge NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF50H60T3G ADPOW-APTGF50H60T3G Datasheet
319Kb / 6P
   Full - Bridge NPT IGBT Power Module
APTGF150H120 ADPOW-APTGF150H120 Datasheet
301Kb / 5P
   Full - Bridge NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com