Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGF180A60TG Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APTGF180A60TG
Description  Phase leg NPT IGBT Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGF180A60TG Datasheet(HTML) 5 Page - Microsemi Corporation

  APTGF180A60TG Datasheet HTML 1Page - Microsemi Corporation APTGF180A60TG Datasheet HTML 2Page - Microsemi Corporation APTGF180A60TG Datasheet HTML 3Page - Microsemi Corporation APTGF180A60TG Datasheet HTML 4Page - Microsemi Corporation APTGF180A60TG Datasheet HTML 5Page - Microsemi Corporation APTGF180A60TG Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
APTGF180A60TG
www.microsemi.com
5 - 6
VGE = 15V
15
20
25
30
35
50
100
150
200
250
300
ICE, Collector to Emitter Current (A)
Turn-On Delay Time vs Collector Current
Tj = 25°C
VCE = 400V
RG = 2.5Ω
VGE=15V,
TJ=25°C
VGE=15V,
TJ=125°C
50
100
150
200
250
50
100
150
200
250
300
ICE, Collector to Emitter Current (A)
Turn-Off Delay Time vs Collector Current
VCE = 400V
RG = 2.5Ω
VGE=15V,
TJ=125°C
0
20
40
60
80
50
100
150
200
250
300
ICE, Collector to Emitter Current (A)
Current Rise Time vs Collector Current
VCE = 400V
RG = 2.5Ω
TJ = 25°C
TJ = 125°C
0
20
40
60
80
50
100
150
200
250
300
ICE, Collector to Emitter Current (A)
Current Fall Time vs Collector Current
VCE = 400V, VGE = 15V, RG = 2.5Ω
TJ=25°C,
VGE=15V
TJ=125°C,
VGE=15V
0
4
8
12
16
50
100
150
200
250
300
ICE, Collector to Emitter Current (A)
Turn-On Energy Loss vs Collector Current
VCE = 400V
RG = 2.5Ω
TJ = 25°C
TJ = 125°C
0
2
4
6
8
10
12
50
100
150
200
250
300
ICE, Collector to Emitter Current (A)
Turn-Off Energy Loss vs Collector Current
VCE = 400V
VGE = 15V
RG = 2.5Ω
Eon, 360A
Eoff, 360A
Eon, 180A
Eoff, 180A
Eon, 90A
Eoff, 90A
0
8
16
24
32
0
5
10
15
20
25
Gate Resistance (Ohms)
Switching Energy Losses vs Gate Resistance
VCE = 400V
VGE = 15V
TJ= 125°C
Eon, 360A
Eoff, 360A
Eon, 180A
Eoff, 180A
Eon, 90A
Eoff, 90A
0
4
8
12
16
20
0
25
50
75
100
125
TJ, Junction Temperature (°C)
Switching Energy Losses vs Junction Temp.
VCE = 400V
VGE = 15V
RG = 2.5Ω


Similar Part No. - APTGF180A60TG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGF180A60T ADPOW-APTGF180A60T Datasheet
302Kb / 6P
   Phase leg NPT IGBT Power Module
More results

Similar Description - APTGF180A60TG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF50A120T3WG MICROSEMI-APTGF50A120T3WG Datasheet
248Kb / 7P
   Phase leg NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF100A120T ADPOW-APTGF100A120T Datasheet
299Kb / 6P
   Phase leg NPT IGBT Power Module
logo
Microsemi Corporation
APTGF15A120T1G MICROSEMI-APTGF15A120T1G Datasheet
321Kb / 6P
   Phase leg NPT IGBT Power Module
APTGF100A120T3WG MICROSEMI-APTGF100A120T3WG Datasheet
205Kb / 5P
   Phase leg NPT IGBT Power Module
APTGF200A120D3G MICROSEMI-APTGF200A120D3G Datasheet
218Kb / 5P
   Phase leg NPT IGBT Power Module
APTGF90A60TG MICROSEMI-APTGF90A60TG Datasheet
288Kb / 6P
   Phase leg NPT IGBT Power Module
APTGF350A60G MICROSEMI-APTGF350A60G Datasheet
275Kb / 6P
   Phase leg NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF150A120T ADPOW-APTGF150A120T Datasheet
277Kb / 5P
   Phase leg NPT IGBT Power Module
logo
Microsemi Corporation
APTGF50A120T1G MICROSEMI-APTGF50A120T1G Datasheet
323Kb / 6P
   Phase leg NPT IGBT Power Module
APTGF150A120T3WG MICROSEMI-APTGF150A120T3WG Datasheet
208Kb / 5P
   Phase leg NPT IGBT Power Module
APTGF250A60D3G MICROSEMI-APTGF250A60D3G Datasheet
217Kb / 5P
   Phase leg NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com