Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI0128WSN Datasheet(PDF) 5 Page - AMI SEMICONDUCTOR

Part # PI0128WSN
Description  50-mm-Pitch Wide Aperture Spectroscopic Photodiode Arrays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI0128WSN Datasheet(HTML) 5 Page - AMI SEMICONDUCTOR

  PI0128WSN Datasheet HTML 1Page - AMI SEMICONDUCTOR PI0128WSN Datasheet HTML 2Page - AMI SEMICONDUCTOR PI0128WSN Datasheet HTML 3Page - AMI SEMICONDUCTOR PI0128WSN Datasheet HTML 4Page - AMI SEMICONDUCTOR PI0128WSN Datasheet HTML 5Page - AMI SEMICONDUCTOR PI0128WSN Datasheet HTML 6Page - AMI SEMICONDUCTOR PI0128WSN Datasheet HTML 7Page - AMI SEMICONDUCTOR PI0128WSN Datasheet HTML 8Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PI0128WSN, PI0256WSN, PI0512WSN
Engineering Data Sheet
Page 5 of 8
Revised March 21, 2002
Clock and Voltage Requirements
The clocking requirements are relatively simple. As it
was indicated in Figure 5 and Table 1, there are only
two input signals that require clocked inputs. They are
CLK, the clock for the shift register, and START, the
shift register start pulse. The timing specifications and
the symbol definition for Figure 6 are listed in Table 2.
The control clock amplitudes for I/Os are compatible
with the 5-Volt CMOS devices.
Figure 6. Timing diagram.
Table 2. Symbol definitions and timing specifications for timing diagram.
Item
Symbol
Min
Typical
Max
Units
Clock cycle time
to
666 (128WSN)
666 (256WSN)
1000 (512WSN)
10000
ns
Clock high pulse width
twh
566 (128WSN)
566 (256WSN)
900 (512WSN)
ns
Clock low pulse width
twl
100
ns
Clock duty cycle
1
50
99
%
Data setup time
tds
100
ns
Data hold time
tdh
100
ns
EOS low-to-high delay
telh
400
ns
EOS high-to-low delay
tehl
400
ns
Signal delay time
tsd
50
ns
Signal settling time
tsh
566 (128WSN)
566 (256WSN)
900 (512WSN)
ns
Signal settle to clock edge
tsch
0
ns


Similar Part No. - PI0128WSN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PI01-3 ETC1-PI01-3 Datasheet
2Mb / 21P
   IoT Bit 3G v1.6
logo
Delta Electronics, Inc.
PI01D0303A DELTA-PI01D0303A Datasheet
294Kb / 5P
   1W DC/DC CONVERTER, High isolation, SIP-Package
PI01D0503A DELTA-PI01D0503A Datasheet
294Kb / 5P
   1W DC/DC CONVERTER, High isolation, SIP-Package
PI01D0505A DELTA-PI01D0505A Datasheet
294Kb / 5P
   1W DC/DC CONVERTER, High isolation, SIP-Package
PI01D0505A DELTA-PI01D0505A Datasheet
248Kb / 6P
   1W DC/DC CONVERTER, High isolation, SIP-Package
More results

Similar Description - PI0128WSN

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-732128 AMI-AMIS-732128 Datasheet
232Kb / 9P
   50關m-pitch Wide Aperture Spectroscopic Photodiode Arrays
PI0000HSN AMI-PI0000HSN Datasheet
1Mb / 8P
   25-關m-Pitch Wide Aperture Spectroscopic Photodiode Arrays
AMIS-734256 AMI-AMIS-734256 Datasheet
243Kb / 9P
   25關m-pitch Wide Aperture Spectroscopic Photodiode Arrays
PI0512WS AMI-PI0512WS Datasheet
2Mb / 8P
   512-Pixel 50-mm-Pitch Wide Aperture Spectroscopic Photodiode Array
logo
Hamamatsu Corporation
S4111 HAMAMATSU-S4111_15 Datasheet
295Kb / 6P
   Si photodiode arrays
G7150-16 HAMAMATSU-G7150-16_15 Datasheet
627Kb / 5P
   InGaAs PIN photodiode arrays
G12430-016D HAMAMATSU-G12430-016D Datasheet
169Kb / 7P
   InGaAs PIN photodiode arrays
G12430 HAMAMATSU-G12430_15 Datasheet
686Kb / 7P
   InGaAs PIN photodiode arrays
S11299 HAMAMATSU-S11299_15 Datasheet
633Kb / 8P
   16-element Si photodiode arrays
S11212 HAMAMATSU-S11212_15 Datasheet
623Kb / 8P
   16-element Si photodiode arrays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com