Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI207MC-A4 Datasheet(PDF) 4 Page - AMI SEMICONDUCTOR

Part # PI207MC-A4
Description  200DPI CIS Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI207MC-A4 Datasheet(HTML) 4 Page - AMI SEMICONDUCTOR

  PI207MC-A4 Datasheet HTML 1Page - AMI SEMICONDUCTOR PI207MC-A4 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI207MC-A4 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI207MC-A4 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI207MC-A4 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI207MC-A4 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI207MC-A4 Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Electro-Optical Characteristics
The tabled values are measured at 25º C
Parameter
Symbol
Typical
Units
Note
Number of photo detectors
1728
elements
Pixel to pixel spacing
125
m
m
Line scanning rate (1)
Tint
347
m
sec
@ 5.0 MHz clock frequency
Clock frequency (2)
fclk
5.0
MHz
Bright output voltage (3)
Vpavg
1.1 +/- 0.1
Volts
Bright output Non-uniformity (4)
Up
<|+/-30|
%
Adjacent pixel Non-uniformity (5)
Uadj
<25
%
Dark Non-uniformity (6)
Ud
<75
mV
Dark output voltage (6)
Vd
<200
mV
Modulation transfer function (7)
MTF
>40
%
Table 4. Electro-Optical Characteristics at 25° C
Notes.
1. Tint is the line scanning rate or integration time. Tint is determined by the interval of two start
pulses, SP. The integration time of 347msec is set at the factory. For additional comments, see note
(1) under Table 5, Recommended Operating Conditions.
2. fclk: main clock frequency.
3. Vpavg = å Vp(n)/1728.
4. Up = [(Vpmax - Vpavg) / Vpavg] x 100% or [(Vpavg - Vpmin) / Vpavg] x 100%,
Where Vpmax = maximum pixel amplitude in the line scan and Vpmin = minimum pixel amplitude in
the line scan.
5. Upadj = MAX[ | (Vp(n) - Vp(n+l) | / Vp(n)) x 100%
Upadj is the non-uniformity in percent between adjacent pixels, Where Vp(n) is the nth pixel in the
line scan.
6. Ud = Vdmax – Vdmin.
Vd = the average dark output level.
Vdmin is the minimum output voltage on a black document (LED is turned off).
Vdmax is the maximum output voltage on a black document (LED is turned off).
7. MTF = [(Vmax - Vmin) / (Vmax + Vmin)] x 100 [%]
Vmax: maximum output voltage at 50 lp/in and Vmin: minimum output voltage at 50 lp/in,
PAGE 4 OF 7 - PI207MC-A4, 11/11/03
where lp/in is the line pairs per inch.


Similar Part No. - PI207MC-A4

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI2001 VICOR-PI2001 Datasheet
817Kb / 23P
   Universal Active ORing Controller IC
PI2001-00-QEIG VICOR-PI2001-00-QEIG Datasheet
817Kb / 23P
   Universal Active ORing Controller IC
PI2001-00-SOIG VICOR-PI2001-00-SOIG Datasheet
817Kb / 23P
   Universal Active ORing Controller IC
PI2001-EVAL1 VICOR-PI2001-EVAL1 Datasheet
659Kb / 11P
   PI2001-EVAL1 Active ORing
PI2002 VICOR-PI2002 Datasheet
1Mb / 23P
   Active ORing Controller IC with Load Disconnect Feature
More results

Similar Description - PI207MC-A4

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-710208 AMI-AMIS-710208 Datasheet
297Kb / 8P
   200dpi CIS Module
AMIS-710223 AMI-AMIS-710223 Datasheet
221Kb / 7P
   200dpi CIS Module
AMIS-710224 AMI-AMIS-710224 Datasheet
219Kb / 7P
   200dpi CIS Module
AMIS-710256 AMI-AMIS-710256 Datasheet
231Kb / 7P
   200dpi CIS Module
AMIS-710200 AMI-AMIS-710200 Datasheet
230Kb / 7P
   200dpi CIS Module
AMIS-710201 AMI-AMIS-710201 Datasheet
293Kb / 7P
   200dpi CIS Module
AMIS-710226 AMI-AMIS-710226 Datasheet
224Kb / 7P
   200dpi CIS Module
AMIS-710227 AMI-AMIS-710227 Datasheet
358Kb / 14P
   200dpi CIS Module
AMIS-710251 AMI-AMIS-710251 Datasheet
213Kb / 6P
   200dpi CIS Module
AMIS-710252 AMI-AMIS-710252 Datasheet
213Kb / 6P
   200dpi CIS Module
PI200MC-A4 AMI-PI200MC-A4 Datasheet
1Mb / 7P
   200DPI CIS Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com