|
| APTGF300U120DG |
|
||
|
MICROSEMI |
|
5 page
APTGF300U120DG www.microsemi.com 5 – 5 Forward Characteristic of diode TJ=25°C TJ=125°C 0 100 200 300 400 500 600 00.511.5 22.5 3 VF (V) hard switching ZCS ZVS 0 20 40 60 80 100 0 50 100 150 200 250 300 350 IC (A) VCE=600V D=50% RG=3 Ω TJ=125°C TC=75°C Operating Frequency vs Collector Current maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.9 0.7 0.5 0.3 0.1 0.05 Single Pulse 0 0.02 0.04 0.06 0.08 0.1 0.12 0.14 0.00001 0.0001 0.001 0.01 0.1 1 10 rectangular Pulse Duration (Seconds) Diode Microsemi reserves the right to change, without notice, the specifications and information contained herein Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved. |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| APTGF200U120DG | Single Switch with Series diodes NPT IGBT Power Module | 1 2 3 4 5 More | Microsemi Corporation |
| APTGF50H120TG | Full - Bridge NPT IGBT Power Module | 1 2 3 4 5 More | Microsemi Corporation |
| APTGF90H60TG | Full - Bridge NPT IGBT Power Module | 1 2 3 4 5 More | Microsemi Corporation |
| APTGF180DA60TG | Boost chopper NPT IGBT Power Module | 1 2 3 4 5 More | Microsemi Corporation |
| APTGF10X60RTP2 | Input rectifier bridge + Brake + 3 Phase Bridge NPT IGBT Power Module | 1 2 3 4 | Advanced Power Technology |
| APTGF50SK120TG | Buck chopper NPT IGBT Power Module | 1 2 3 4 5 More | Microsemi Corporation |
| APTGF90SK60TG | Buck chopper NPT IGBT Power Module | 1 2 3 4 5 More | Microsemi Corporation |
| APTGF180DH60G | Asymmetrical - bridge NPT IGBT Power Module | 1 2 3 4 5 More | Microsemi Corporation |
| APTGF15H120T3G | Full - Bridge NPT IGBT Power Module | 1 2 3 4 5 More | Microsemi Corporation |
| APTGF50TA120PG | Triple phase leg NPT IGBT Power Module | 1 2 3 4 5 More | Microsemi Corporation |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |