Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI229MC-A4 Datasheet(PDF) 9 Page - AMI SEMICONDUCTOR

Part # PI229MC-A4
Description  200DPI CIS Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI229MC-A4 Datasheet(HTML) 9 Page - AMI SEMICONDUCTOR

Back Button PI229MC-A4 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI229MC-A4 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI229MC-A4 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI229MC-A4 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI229MC-A4 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI229MC-A4 Datasheet HTML 7Page - AMI SEMICONDUCTOR PI229MC-A4 Datasheet HTML 8Page - AMI SEMICONDUCTOR PI229MC-A4 Datasheet HTML 9Page - AMI SEMICONDUCTOR PI229MC-A4 Datasheet HTML 10Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Figure 4
Item
Symbol
Min.
Typical
Max.
Units
Clock cycle time
to
0.20
4.0
µs
Clock pulse width
tw
50
ns
Clock duty cycle
25
75
%
Prohibit crossing time
of Start Pulse(1)
tprh
0
ns
Data setup time
tds
20
ns
Data hold time
tdh
0
ns
Signal delay time
tdl
20
ns
Signal settling time
tsh
100
ns
Table 7. Timing Symbol’s Definition and Timing Values.
Note1:
"Prohibit crossing of start pulse" is to indicate that the start pulse should not be active high
between any two consecutive clock pulse, specifically, between two consecutive low going clock
pulses. See the timing diagram. All falling clock edges under a active high start pulse loads the
internal shift register, therefore the start pulse must be active over only one falling clock edge.
High start pulse over all rising clock edge is ignored by the shift register. One simple way to
ensure that the start pulse will not be actively high during two consecutive falling clock edge is to
generate the start pulse on a rising clock edge and terminate it on the following rising clock edge.
PAGE 9 OF 10 - PI227/228/229, 01-31-04
CP
SP
Vout
tds
to
tw
tprh
tdl
tdh
tsh
MODULE TIMING DIAGRAM


Similar Part No. - PI229MC-A4

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI2211 VICOR-PI2211 Datasheet
2Mb / 26P
   Programmable inrush current limiting
logo
AMI SEMICONDUCTOR
PI223MC-A6 AMI-PI223MC-A6 Datasheet
589Kb / 6P
   200DPI CIS Sensor
PI224MC-A6 AMI-PI224MC-A6 Datasheet
590Kb / 6P
   200DPI CIS Sensor
PI225MC-A6 AMI-PI225MC-A6 Datasheet
595Kb / 6P
   200DPI CIS Sensor
PI226M-A4 AMI-PI226M-A4 Datasheet
591Kb / 6P
   200DPI CIS Sensor
More results

Similar Description - PI229MC-A4

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
PI201M-A4 AMI-PI201M-A4 Datasheet
962Kb / 6P
   200DPI CIS Sensor
PI225MC-A6 AMI-PI225MC-A6 Datasheet
595Kb / 6P
   200DPI CIS Sensor
PI224MC-A6 AMI-PI224MC-A6 Datasheet
590Kb / 6P
   200DPI CIS Sensor
PI250MC-A6 AMI-PI250MC-A6 Datasheet
592Kb / 7P
   200DPI CIS Sensor
PI223MC-A6 AMI-PI223MC-A6 Datasheet
589Kb / 6P
   200DPI CIS Sensor
PI226M-A4 AMI-PI226M-A4 Datasheet
591Kb / 6P
   200DPI CIS Sensor
PI3034A AMI-PI3034A Datasheet
635Kb / 7P
   200DPI CIS Sensor Chip
AMIS-710208 AMI-AMIS-710208 Datasheet
297Kb / 8P
   200dpi CIS Module
AMIS-710223 AMI-AMIS-710223 Datasheet
221Kb / 7P
   200dpi CIS Module
AMIS-710224 AMI-AMIS-710224 Datasheet
219Kb / 7P
   200dpi CIS Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com