Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGF350DA60G Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APTGF350DA60G
Description  Boost chopper NPT IGBT Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGF350DA60G Datasheet(HTML) 2 Page - Microsemi Corporation

  APTGF350DA60G Datasheet HTML 1Page - Microsemi Corporation APTGF350DA60G Datasheet HTML 2Page - Microsemi Corporation APTGF350DA60G Datasheet HTML 3Page - Microsemi Corporation APTGF350DA60G Datasheet HTML 4Page - Microsemi Corporation APTGF350DA60G Datasheet HTML 5Page - Microsemi Corporation APTGF350DA60G Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
APTGF350DA60G
www.microsemi.com
2 - 6
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Tj = 25°C
200
ICES
Zero Gate Voltage Collector Current
VGE = 0V
VCE = 600V
Tj = 125°C
1750
µA
Tj = 25°C
2.0
2.5
VCE(sat)
Collector Emitter saturation Voltage
VGE =15V
IC = 360A
Tj = 125°C
2.2
V
VGE(th)
Gate Threshold Voltage
VGE = VCE, IC = 4mA
3
5
V
IGES
Gate – Emitter Leakage Current
VGE = ±20V, VCE = 0V
±300
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Cies
Input Capacitance
17.2
Coes
Output Capacitance
1.88
Cres
Reverse Transfer Capacitance
VGE = 0V
VCE = 25V
f = 1MHz
1.6
nF
Qg
Total gate Charge
1320
Qge
Gate – Emitter Charge
1160
Qgc
Gate – Collector Charge
VGE = 15V
VBus = 300V
IC = 360A
800
nC
Td(on)
Turn-on Delay Time
26
Tr
Rise Time
25
Td(off)
Turn-off Delay Time
150
Tf
Fall Time
Inductive Switching (25°C)
VGE = 15V
VBus = 400V
IC = 360A
RG = 1.25Ω
30
ns
Td(on)
Turn-on Delay Time
26
Tr
Rise Time
25
Td(off)
Turn-off Delay Time
170
Tf
Fall Time
Inductive Switching (125°C)
VGE = 15V
VBus = 400V
IC = 360A
RG = 1.25Ω
40
ns
Eon
Turn-on Switching Energy
Tj = 125°C
17.2
Eoff
Turn-off Switching Energy
VGE = 15V
VBus = 400V
IC = 360A
RG = 1.25Ω
Tj = 125°C
14
mJ
Chopper diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
600
V
Tj = 25°C
750
IRM
Maximum Reverse Leakage Current
VR=600V
Tj = 125°C
1500
µA
IF
DC Forward Current
Tc = 80°C
400
A
IF = 400A
1.6
1.8
IF = 800A
1.9
VF
Diode Forward Voltage
IF = 400A
Tj = 125°C
1.4
V
Tj = 25°C
180
trr
Reverse Recovery Time
Tj = 125°C
220
ns
Tj = 25°C
1560
Qrr
Reverse Recovery Charge
IF = 400A
VR = 400V
di/dt =800A/µs
Tj = 125°C
5800
nC


Similar Part No. - APTGF350DA60G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGF350DU60 ADPOW-APTGF350DU60 Datasheet
289Kb / 6P
   Dual common source NPT IGBT Power Module
logo
Microsemi Corporation
APTGF350DU60G MICROSEMI-APTGF350DU60G Datasheet
274Kb / 6P
   Dual common source NPT IGBT Power Module
More results

Similar Description - APTGF350DA60G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF90DA60T1G MICROSEMI-APTGF90DA60T1G Datasheet
318Kb / 6P
   Boost chopper NPT IGBT Power Module
APTGF100DA120T1G MICROSEMI-APTGF100DA120T1G Datasheet
281Kb / 5P
   Boost chopper NPT IGBT Power Module
APTGF50DA120TG MICROSEMI-APTGF50DA120TG Datasheet
286Kb / 6P
   Boost chopper NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF75DA60D1 ADPOW-APTGF75DA60D1 Datasheet
173Kb / 3P
   Boost Chopper NPT IGBT Power Module
APTGF90DA60D1 ADPOW-APTGF90DA60D1 Datasheet
173Kb / 3P
   Boost Chopper NPT IGBT Power Module
logo
Microsemi Corporation
APTGF180DA60TG MICROSEMI-APTGF180DA60TG Datasheet
287Kb / 6P
   Boost chopper NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF165DA60D1 ADPOW-APTGF165DA60D1 Datasheet
173Kb / 3P
   Boost Chopper NPT IGBT Power Module
logo
Microsemi Corporation
APTGF90DA60TG MICROSEMI-APTGF90DA60TG Datasheet
287Kb / 6P
   Boost chopper NPT IGBT Power Module
APTGF100DA120TG MICROSEMI-APTGF100DA120TG Datasheet
286Kb / 6P
   Boost chopper NPT IGBT Power Module
APTGF300DA120D3G MICROSEMI-APTGF300DA120D3G Datasheet
218Kb / 5P
   Boost chopper NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com