Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1591 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA1591
Description  PLL stereo decoder and noise blanker
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1591 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA1591 Datasheet HTML 2Page - NXP Semiconductors TDA1591 Datasheet HTML 3Page - NXP Semiconductors TDA1591 Datasheet HTML 4Page - NXP Semiconductors TDA1591 Datasheet HTML 5Page - NXP Semiconductors TDA1591 Datasheet HTML 6Page - NXP Semiconductors TDA1591 Datasheet HTML 7Page - NXP Semiconductors TDA1591 Datasheet HTML 8Page - NXP Semiconductors TDA1591 Datasheet HTML 9Page - NXP Semiconductors TDA1591 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1996 Sep 02
6
Philips Semiconductors
Product specification
PLL stereo decoder and noise blanker
TDA1591
CHARACTERISTICS
VP = 10 V; Tamb =25 °C; input signal Vi MPX(p-p) = 1.7 V; m = 100% (∆f= ±75 kHz, fmod = 1 kHz); de-emphasis of 50 µs
and series resistor at input R1 = 150 k
Ω; measurements taken in Fig.1; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage (pin 5)
7.5
10
12
V
IP
supply current
12
mA
Stereo decoder
Vi MPX(p-p)
MPX input signal on pin 20
(peak-to-peak value)
1.7
V
∆Vi MPX(p-p) overdrive margin of MPX input signal
THD = 1%
3
−−
dB
Vo(rms)
AF mono output signal at pins 10 and 11
(RMS value)
without pilot
900
mV
∆Vo
overdrive margin of output signal
THD = 1%
3
−−
dB
V10-11/Vo
difference of output voltage levels
−−
1dB
Vo 10,11
DC output voltage (pins 10 and 11)
3.3
3.8
4.3
V
Ro 10,11
output resistance
130
−Ω
αcs
channel separation
pin 16 open-circuit;
see Fig.6
40
dB
THD
total harmonic distortion
0.1
0.3
%
S/N
signal-to-noise ratio
f = 20 to 16000 Hz
76
dB
α19
pilot signal suppression
f = 19 kHz
50
dB
α38
subcarrier suppression
f = 38 kHz
50
dB
α57
f = 57 kHz
46
dB
α76
f = 76 kHz
60
dB
IM2
intermodulation for fspur = 1 kHz
fmod = 10 kHz; note 1
60
dB
IM3
fmod = 13 kHz; note 1
58
dB
α57ARI
traffic radio (ARI)
f = 57 kHz; note 2
70
dB
α67
Subsidiary Communication Authorization
(SCA)
f = 67 kHz; note 3
70
−−
dB
α114
Adjacent Channel Interference (ACI)
f = 114 kHz; note 4
80
dB
α190
f = 190 kHz; note 4
70
dB
PSRR
power supply ripple rejection
f = 100 Hz;
Vripple(rms) = 100 mV
35
dB
VCO (pin 2)
fosc
oscillator frequency (ceramic resonator)
456
kHz
frequency range of free running oscillator
452
460
kHz
∆f/f
capture and holding range
1
%
V7
VCO-off voltage (pin 7)
0
0.6
V


Similar Part No. - TDA1591

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1592 PHILIPS-TDA1592 Datasheet
191Kb / 20P
   PLL stereo decoder and noise blanker
1996 May 31
TDA1592T PHILIPS-TDA1592T Datasheet
191Kb / 20P
   PLL stereo decoder and noise blanker
1996 May 31
TDA1593 PHILIPS-TDA1593 Datasheet
107Kb / 20P
   IF amplifier/demodulator for FM car radio receivers
1996 Oct 10
TDA1593T PHILIPS-TDA1593T Datasheet
107Kb / 20P
   IF amplifier/demodulator for FM car radio receivers
1996 Oct 10
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
More results

Similar Description - TDA1591

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1592 PHILIPS-TDA1592 Datasheet
191Kb / 20P
   PLL stereo decoder and noise blanker
1996 May 31
logo
Siemens Semiconductor G...
TDA4340X SIEMENS-TDA4340X Datasheet
671Kb / 15P
   Stereo Decoder/Noise Blanker
logo
NXP Semiconductors
TEA5580 PHILIPS-TEA5580 Datasheet
347Kb / 9P
   PLL stereo decoder
May 1986
TEA5581 PHILIPS-TEA5581 Datasheet
133Kb / 16P
   PLL stereo decoder
June 1989
logo
List of Unclassifed Man...
TCA4511-2 ETC1-TCA4511-2 Datasheet
275Kb / 9P
   PLL Stereo decoder
logo
NXP Semiconductors
TDA7040T PHILIPS-TDA7040T Datasheet
112Kb / 11P
   Low voltage PLL stereo decoder
September 1986
TEA5582 PHILIPS-TEA5582 Datasheet
97Kb / 12P
   PLL stereo decoder BTSC system
July 1990
TDA1005A PHILIPS-TDA1005A Datasheet
872Kb / 19P
   FREQUENCY MULTIPLEX PLL STEREO DECODER
fEBRUARY 1980
logo
Allegro MicroSystems
3845 ALLEGRO-3845 Datasheet
233Kb / 8P
   AM NOISE BLANKER
logo
NTE Electronics
NTE7050 NTE-NTE7050 Datasheet
36Kb / 5P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com