Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM6620101LFTR3 Datasheet(PDF) 2 Page - Bi technologies

Part # HM6620101LFTR3
Description  Miniature Low Profile, Shielded
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM6620101LFTR3 Datasheet(HTML) 2 Page - Bi technologies

  HM6620101LFTR3 Datasheet HTML 1Page - Bi technologies HM6620101LFTR3 Datasheet HTML 2Page - Bi technologies HM6620101LFTR3 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2007/08 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice
www.bitechnologies.com
49
HM66-70180LF
18
0.092
1.50
2
HM66-70220LF
22
0.096
1.30
2
HM66-70270LF
27
0.109
1.20
2
HM66-70330LF
33
0.124
1.10
2
HM66-70390LF
39
0.138
1.00
2
HM66-70470LF
47
0.155
0.95
2
HM66-70560LF
56
0.202
0.85
2
HM66-70680LF
68
0.234
0.75
2
HM66-70820LF
82
0.324
0.70
2
HM66-70101LF
100
0.358
0.65
2
HM66-70221LF
220
0.820
0.45
2
HM66-801R5LF
1.5
0.0081
10.0
3
HM66-802R5LF 2.5 ± 30%
0.0105
7.50
3
HM66-803R8LF
3.8
0.013
6.00
3
HM66-805R2LF
5.2
0.022
5.50
3
HM66-807R0LF
7
0.027
4.80
3
HM66-80100LF
10
0.035
4.40
3
HM66-80150LF
15
0.050
3.60
3
HM66-80220LF
22
0.073
2.90
3
HM66-80330LF
33
0.093
2.30
3
HM66-80470LF
47
0.128
2.10
3
HM66-80680LF
68
0.213
1.50
3
HM66-80101LF
100
0.304
1.35
3
HM66-80151LF
150
0.506
1.15
3
HM66-80221LF
220
0.756
0.92
3
HM66-80331LF
330
1.090
0.70
3
HM66-80561LF
560
1.696
0.43
3
HM66-80102LF
1000
2.853
0.33
3
Ordering Information
Inductance Code:
First 2 digits are significant. Last digit
denotes the number of trailing zeros.
For values below 10µH, “R“ denotes the
decimal point.
Model Series
Case Size:
10 = Figure 1
50 = Figure 2
15 = Figure 2
60 = Figure 2
20 = Figure 2
70 = Figure 2
30 = Figure 2
80 = Figure 3
40 = Figure 2
Specifications @ 25°C (Cont’d)
Inductance
DC
Rated
Part
Nominal
Resistance
Current
Number
µH ±20%
Ω Max.
Amps
Figure
Inductance
DC
Rated
Part
Nominal
Resistance
Current
Number
µH ±20%
Ω Max.
Amps
Figure
Comments:
Test conditions for case sizes 10, 15, 20, 30 , 80 = 100 kHz, 0.1 V without DC current. Test conditions for case sizes 40, 50, 60, 70 = 10 kHz,
0.1 V without DC current. Rated DC current is the approximate current at which inductance will be decreased by 35% from its initial (zero
DC) value or the DC current at which
∆T = 40°C, whichever is lower.
Packaging
Standard: Embossed Tape & Reel
Reel: Diameter:
Case size 10, 15
=
7” (177.8mm)
All other case sizes
=
13” (330.2mm)
Capacity:
Case size 20
=
3,000 Units
Case size 30, 40, 50
=
2,000 Units
Case size 60
=
1,500 Units
Case size 10, 15, 70
=
1,000 Units
Case size 80
=
800 Units
Lead-Free
Tape & Reel Packing
7 - 7” reel
13 - 13” reel
HM66-50101LF
100
0.520
0.42
2
HM66-603R0LF
3.0
0.024
3.00
2
HM66-603R9LF
3.9
0.027
2.60
2
HM66-605R0LF
5.0
0.031
2.40
2
HM66-606R0LF
6.0
0.035
2.25
2
HM66-607R3LF
7.3
0.054
2.10
2
HM66-608R6LF
8.6
0.058
1.85
2
HM66-60100LF
10
0.065
1.70
2
HM66-60120LF
12
0.070
1.55
2
HM66-60150LF
15
0.084
1.40
2
HM66-60180LF
18
0.095
1.32
2
HM66-60220LF
22
0.128
1.20
2
HM66-60270LF
27
0.142
1.05
2
HM66-60330LF
33
0.165
0.97
2
HM66-60390LF
39
0.210
0.86
2
HM66-60470LF
47
0.238
0.80
2
HM66-60560LF
56
0.277
0.73
2
HM66-60680LF
68
0.304
0.65
2
HM66-60820LF
82
0.390
0.60
2
HM66-60101LF
100
0.535
0.54
2
HM66-703R3LF
3.3
0.020
3.50
2
HM66-705R0LF
5.0
0.024
2.90
2
HM66-706R2LF
6.2
0.027
2.50
2
HM66-707R4LF
7.4
0.031
2.30
2
HM66-708R7LF
8.7
0.034
2.20
2
HM66-70100LF
10
0.038
2.00
2
HM66-70120LF
12
0.053
1.70
2
HM66-70150LF
15
0.057
1.60
2
HM66
80
100
LF
TR13


Similar Part No. - HM6620101LFTR3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM6620100 ETC-HM6620100 Datasheet
81Kb / 8P
   Miniature Low Profile, Shielded Surface Mount Inductors
More results

Similar Description - HM6620101LFTR3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM66 ETC-HM66 Datasheet
81Kb / 8P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
Bi technologies
HM66 BITECH-HM66_15 Datasheet
362Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
TT Electronics.
HA66 TTELEC-HA66 Datasheet
373Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
HM66 TTELEC-HM66 Datasheet
720Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
Advanced Crystal Techno...
ACT9300SSC ACT-ACT9300SSC Datasheet
487Kb / 6P
   miniature, low profile SMD
26/10/05
logo
List of Unclassifed Man...
G72 ETC1-G72 Datasheet
47Kb / 2P
   Sub-miniature, low profile
logo
Advanced Crystal Techno...
ACT9200L ACT-ACT9200L Datasheet
96Kb / 3P
   miniature, low profile SMD
1/10/05
ACT9200SSCL ACT-ACT9200SSCL Datasheet
304Kb / 5P
   miniature, low profile SMD
26/10/05
ACT9200 ACT-ACT9200 Datasheet
97Kb / 3P
   miniature, low profile SMD
2/11/05
logo
Cooper Bussmann, Inc.
SD3814-331-R COOPER-SD3814-331-R Datasheet
159Kb / 3P
   Low Profile, Shielded Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com