Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI411MC-A7 Datasheet(PDF) 4 Page - AMI SEMICONDUCTOR

Part # PI411MC-A7
Description  400DPI CIS Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI411MC-A7 Datasheet(HTML) 4 Page - AMI SEMICONDUCTOR

  PI411MC-A7 Datasheet HTML 1Page - AMI SEMICONDUCTOR PI411MC-A7 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI411MC-A7 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI411MC-A7 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI411MC-A7 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI411MC-A7 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI411MC-A7 Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Absolute Maximum Rating:
The following is a table of absolute maximum parameters. These parameters should not
be used in prolonged operation.
Parameter
Symbols
Maximum Rating
Units
Vdd
7.0
V
Idd
50
mA
VLED
5.7
V
Power Supply
ILED
300
mA
Input Clock Pulse (high)
Vih
Vdd
V
Input Clock Pulse (low)
Vil
-0.5
V
Table 2. Absolute Maximum Rating
Operating Environment
Operating temperature
Top
0 to 50
0
C
Operating humidity
Hop
10 to 85
%
Storage temperature
Tstg
-25 to 85
0
C
Storage humidity
Hstg
5 to 95
%
Table 3. Operating Environment
Electro-Optical Characteristics (25° C)
Parameter
Symbol
Parameter
Units
Note
Number of photo detectors
1408
elements
Pixel to pixel spacing
62
m
m
Line scanning rate(1)
Tint
423
m
sec
@ 3.33
MHz clock
frequency
Clock frequency (2)
Fclk
3.33
MHz
See note 2
for 5.0 MHz
operation.
Bright output voltage (3)
Video Output
1.2 +/-0.05
V
Specified
for Tint =
423msec.
Bright output
nonuniformity(4)
Up
<+/-30
%
PAGE 4 OF 7 - PI411MC-A7, 08-06-02


Similar Part No. - PI411MC-A7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PI400 ETC2-PI400 Datasheet
2Mb / 8P
   Raspberry PI 400 US KIT ENGLISH VERSION
November 2020
logo
AMI SEMICONDUCTOR
PI400MC-A4 AMI-PI400MC-A4 Datasheet
600Kb / 7P
   400DPI CIS Module
PI403MC-A6 AMI-PI403MC-A6 Datasheet
591Kb / 6P
   400DPI CIS Module
PI404MC-A8 AMI-PI404MC-A8 Datasheet
605Kb / 7P
   400DPI CIS Module
PI409MC-A4 AMI-PI409MC-A4 Datasheet
611Kb / 8P
   400DPI CIS Module
More results

Similar Description - PI411MC-A7

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-710411 AMI-AMIS-710411 Datasheet
243Kb / 7P
   400dpi CIS Module
PI403MC-A6 AMI-PI403MC-A6 Datasheet
591Kb / 6P
   400DPI CIS Module
AMIS-710400 AMI-AMIS-710400 Datasheet
226Kb / 7P
   400dpi CIS Module
PI409MC-A4 AMI-PI409MC-A4 Datasheet
611Kb / 8P
   400DPI CIS Module
PI400MC-A4 AMI-PI400MC-A4 Datasheet
600Kb / 7P
   400DPI CIS Module
AMIS-710403 AMI-AMIS-710403 Datasheet
219Kb / 7P
   400dpi CIS Module
AMIS-710409 AMI-AMIS-710409 Datasheet
242Kb / 8P
   400dpi CIS Module
AMIS-710404 AMI-AMIS-710404 Datasheet
219Kb / 7P
   400dpi CIS Module
PI404MC-A8 AMI-PI404MC-A8 Datasheet
605Kb / 7P
   400DPI CIS Module
AMIS-710401 AMI-AMIS-710401 Datasheet
272Kb / 9P
   400dpi CIS Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com