Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI628MC-A4 Datasheet(PDF) 9 Page - AMI SEMICONDUCTOR

Part # PI628MC-A4
Description  A Family of 600DPI CIS Modules, each with a specific LED light source
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI628MC-A4 Datasheet(HTML) 9 Page - AMI SEMICONDUCTOR

Back Button PI628MC-A4 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI628MC-A4 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI628MC-A4 Datasheet HTML 7Page - AMI SEMICONDUCTOR PI628MC-A4 Datasheet HTML 8Page - AMI SEMICONDUCTOR PI628MC-A4 Datasheet HTML 9Page - AMI SEMICONDUCTOR PI628MC-A4 Datasheet HTML 10Page - AMI SEMICONDUCTOR PI628MC-A4 Datasheet HTML 11Page - AMI SEMICONDUCTOR PI628MC-A4 Datasheet HTML 12Page - AMI SEMICONDUCTOR PI628MC-A4 Datasheet HTML 13Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
PI627MC-A4 / PI628MC-A4 / PI629MC-A4 Engineering Data Sheet
_______________________________________________________________________
Recommended Operating Conditions at 25 °C
Table 10 lists the recommended operating conditions common to all three modules. Table 11 lists the
recommended operating conditions particular to each of the three LED light sources.
Parameter
Symbol
Min
Typical
Max
Units
Vdd (positive)
4.5
5.0
5.5
V
Vn (negative)
-10
-5
-4.0
V
Idd (positive)
60
66
75
mA
Power Supply
In (negative)
19
20
21
mA
Input voltage (high level)
Vih
Vdd - 1.0
Vdd -0.5
Vdd
V
Input voltage (low level)
Vil
0
0.6
V
Clock frequency
(1)
Fclk
0.518
5.5
MHz
Clock pulse high duty cycle
Duty
25
50
75
%
Clock pulse high duration
Pwck
46
ns
Integration time
(1)
Tint
82
150
µs
Operating temperature
Top
25
50
oC
Table 10. Recommended Operating Conditions at 25 °C, common to all 3 modules
LED Light Source
Parameter
Min
Typical
Max
Units
660nm Red LED
VLED
5.0
5.5
Volts
ILED
480
550
mA
High Power Yellow-Green LED
VLED
5.0
5.5
Volts
ILED
TBD
TBD
mA
Low Power Yellow-Green LED
VLED
5.0
5.5
Volts
ILED
TBD
TBD
mA
Table 11. Recommended Operating Conditions at 25 °C, for each LED
Note
1. The maximum clock speed is limited by the modules light source power, due to the low light power
associated with LED’s.
The minimum clock speed is determined by the longest tolerable integration time. Because of the
leakage current build up, the integration time is recommended to be no greater than 10 ms.
Page 9 of 13, Revised 2-23-04


Similar Part No. - PI628MC-A4

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
PI625MC-A6 AMI-PI625MC-A6 Datasheet
877Kb / 7P
   600DPI CIS Module
More results

Similar Description - PI628MC-A4

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-710627 AMI-AMIS-710627 Datasheet
338Kb / 11P
   600dpi CIS Modules
PI625MC-A6 AMI-PI625MC-A6 Datasheet
877Kb / 7P
   600DPI CIS Module
AMIS-710600 AMI-AMIS-710600 Datasheet
232Kb / 7P
   600dpi CIS Module
AMIS-720639 AMI-AMIS-720639 Datasheet
358Kb / 10P
   600dpi CIS Sensor Chip
PI616MC-AS AMI-PI616MC-AS Datasheet
2Mb / 22P
   600DPI Image Sensor (CIS) PCB
PI3039 AMI-PI3039 Datasheet
636Kb / 10P
   600DPI CIS Image Sensor Chip
logo
PREMA Semiconductor.
PR5510 PREMA-PR5510 Datasheet
531Kb / 6P
   Sensor IC for centre detection of a light source.
logo
alpha microelectronics ...
AMG-LL7AXX ALPHA-MICRO-AMG-LL7AXX Datasheet
667Kb / 14P
   Family of HV LED Driver Modules
logo
Unity Opto Technology
MAL-C002R UOT-MAL-C002R Datasheet
42Kb / 2P
   Striped type light source designed for a variety of applications
MAL-C065R UOT-MAL-C065R Datasheet
42Kb / 2P
   Striped type light source designed for a variety of applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com