Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI629MC-A4 Datasheet(PDF) 11 Page - AMI SEMICONDUCTOR

Part # PI629MC-A4
Description  A Family of 600DPI CIS Modules, each with a specific LED light source
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI629MC-A4 Datasheet(HTML) 11 Page - AMI SEMICONDUCTOR

Back Button PI629MC-A4 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI629MC-A4 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI629MC-A4 Datasheet HTML 7Page - AMI SEMICONDUCTOR PI629MC-A4 Datasheet HTML 8Page - AMI SEMICONDUCTOR PI629MC-A4 Datasheet HTML 9Page - AMI SEMICONDUCTOR PI629MC-A4 Datasheet HTML 10Page - AMI SEMICONDUCTOR PI629MC-A4 Datasheet HTML 11Page - AMI SEMICONDUCTOR PI629MC-A4 Datasheet HTML 12Page - AMI SEMICONDUCTOR PI629MC-A4 Datasheet HTML 13Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
PI627MC-A4 / PI628MC-A4 / PI629MC-A4 Engineering Data Sheet
_______________________________________________________________________
Depth of Focus
Figure 4 shows the typical MTF versus Distance, which can be used to define the working depth of focus.
Two curves indicate the spread among the modules. Note that the MTF is greater than 40% out to a
distance greater than 0.3 mm from the glass surface. Since this module is a 600DPI module, a pixel density
of 600 pixels per inch, the MTF was measured with a 300 DPI or a 150 line-pair per inch optical bar pattern.
The test was conducted with pixel rate set to 5.0MHz.
The effective algorithm used in the measurements is as described by the following equation:
MTF={[Vp(n)+Vp(n+1)]/2-[Vp(n+2)+Vp(n+3)]/2}/{[Vp(n)+Vp(n+1)]/2+[Vp(n+2)+Vp(n+3)]/2}
Where n is 1, 2, .....5184
th, Vp(n) is the signal amplitude of the nth pixel.
TYPICAL MTF VS DEPTH OF FOCUS
0
10
20
30
40
50
60
0
0.2
0.4
0.6
DEPTH FROM THE WINDOW SURFACE(mm)
Figure 4. Typical MTF versus Distance
Page 11 of 13, Revised 2-23-04


Similar Part No. - PI629MC-A4

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
PI625MC-A6 AMI-PI625MC-A6 Datasheet
877Kb / 7P
   600DPI CIS Module
More results

Similar Description - PI629MC-A4

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-710627 AMI-AMIS-710627 Datasheet
338Kb / 11P
   600dpi CIS Modules
PI625MC-A6 AMI-PI625MC-A6 Datasheet
877Kb / 7P
   600DPI CIS Module
AMIS-710600 AMI-AMIS-710600 Datasheet
232Kb / 7P
   600dpi CIS Module
AMIS-720639 AMI-AMIS-720639 Datasheet
358Kb / 10P
   600dpi CIS Sensor Chip
PI616MC-AS AMI-PI616MC-AS Datasheet
2Mb / 22P
   600DPI Image Sensor (CIS) PCB
PI3039 AMI-PI3039 Datasheet
636Kb / 10P
   600DPI CIS Image Sensor Chip
logo
PREMA Semiconductor.
PR5510 PREMA-PR5510 Datasheet
531Kb / 6P
   Sensor IC for centre detection of a light source.
logo
alpha microelectronics ...
AMG-LL7AXX ALPHA-MICRO-AMG-LL7AXX Datasheet
667Kb / 14P
   Family of HV LED Driver Modules
logo
Unity Opto Technology
MAL-C002R UOT-MAL-C002R Datasheet
42Kb / 2P
   Striped type light source designed for a variety of applications
MAL-C065R UOT-MAL-C065R Datasheet
42Kb / 2P
   Striped type light source designed for a variety of applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com