Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M53-50550VLF Datasheet(PDF) 2 Page - Bi technologies

Part # M53-50550VLF
Description  High Power Low Cost Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

M53-50550VLF Datasheet(HTML) 2 Page - Bi technologies

  M53-50550VLF Datasheet HTML 1Page - Bi technologies M53-50550VLF Datasheet HTML 2Page - Bi technologies M53-50550VLF Datasheet HTML 3Page - Bi technologies M53-50550VLF Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2007/08 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice
www.bitechnologies.com
25
Outline Dimensions (mm)
Figure 1 Vertical Mount
Figure 2 Horizontal Mount
Specification @ 25°C / Packaging (Cont’d)
Notes:
(1) Inductance is measured at 100kHz, 0.1V without DC current.
(2) Value with rated DC current and the operating ETop across the inductor.
HM53-50550_LF V or H
77.6
54.2
10.5
21.1
HM53-50700_LF V or H
99.4
69.5
13.0
13.6
HM53-607R0_LF V or H
9.9
6.9
29.3
4.3
HM53-60130_LF V or H
19.2
13.5
29.5
4.8
HM53-60350_LF V or H
50.2
35.1
21.0
9.2
47.5 / 47.5 / 21.3
57.0 / 57.0 / 27.5
50.3 / 50.3 / 24.0
59.0 / 59.0 / 28.0
63.0 / 63.0 / 36.0
47.5 / 21.3 / 47.5
57.0 / 27.5 / 57.0
50.3 / 24.0 / 50.3
59.0 / 28.0 / 59.0
63.0 / 36.0 / 63.0
Ordering Information
Refer to Specifications table for ‘L’, ‘W’ & ‘Ht’ dimensions of each model.
Body Style
Model Series
Inductance Code:
First 2 digits are significant.
Last digit denotes the number of trailing
zeros. For values below 10µH, “R’
denotes the decimal point.
HM53 10
8R0
V
LF
Mounting Style
V = Vertical Mounting
H = Horizontal Mounting
Lead-Free
45
45
45
45
20
45
45
45
45
20
Inductance(1)
Rated (2)
Quantity Per Carton
Control Value
Inductance
Rated
DCR
Dimensions (mm)
(Units)
Part
µH
µH
Current
m
L / W / Ht
Number
±20%
Typ.
Adc
Max.
Vert. Mount
Hor. Mount
Mount
Mount
Vert.
Hor.


Similar Part No. - M53-50550VLF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M53 MACOM-M53 Datasheet
474Kb / 3P
   Triple-Balanced Mixer
logo
M/A-COM Technology Solu...
M53 MA-COM-M53 Datasheet
1Mb / 3P
   Triple-Balanced Mixer
logo
Microsemi Corporation
M5300 MICROSEMI-M5300 Datasheet
86Kb / 2P
   JIGH RELIABILITY CURRENT REGULATOR DIODES
logo
Harris Corporation
M5300 HARRIS-M5300 Datasheet
95Kb / 2P
   Motorcycle Kit for M5300 and XG-75M Mobiles
logo
Microsemi Corporation
M5301 MICROSEMI-M5301 Datasheet
86Kb / 2P
   JIGH RELIABILITY CURRENT REGULATOR DIODES
More results

Similar Description - M53-50550VLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM53 ETC-HM53 Datasheet
64Kb / 5P
   High Power Low Cost Inductors
logo
TT Electronics.
HM53 TTELEC-HM53 Datasheet
1Mb / 4P
   High Power Low Cost Inductors
logo
Bi technologies
HM53 BITECH-HM53_15 Datasheet
1Mb / 4P
   High Power Low Cost Inductors
logo
Nuvotem Talema
DPO-0.5-470 TALEMA-DPO-0.5-470 Datasheet
105Kb / 4P
   Low Cost Power Inductors
logo
List of Unclassifed Man...
LSRC2-4R7M ETC-LSRC2-4R7M Datasheet
292Kb / 1P
   Low Cost Power Inductors
logo
Premier Magnetics, Inc.
VTP-00301 PMI-VTP-00301 Datasheet
43Kb / 2P
   LOW COST TOROIDAL POWER INDUCTORS
logo
Bi technologies
HM79 BITECH-HM79_15 Datasheet
277Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
logo
TT Electronics.
HM79 TTELEC-HM79 Datasheet
301Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
logo
Bi technologies
HM79 BITECH-HM79 Datasheet
429Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
HM71 BITECH-HM71_15 Datasheet
648Kb / 2P
   High Performance Low Cost Surface Mount Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com