Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3041A Datasheet(PDF) 17 Page - AMI SEMICONDUCTOR

Part # PI3041A
Description  Contact Image Sensor 300DPI CIS Sensor Chip
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI3041A Datasheet(HTML) 17 Page - AMI SEMICONDUCTOR

Back Button PI3041A Datasheet HTML 10Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 11Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 12Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 13Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 14Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 15Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 16Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 17Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 18Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
4
5
6
U2B
74HC00
14
7
U3A
CD4066
1
2
3
4
5
6
7
8
9
10
P1
CONN- 10PIN
T1
TE STP OINT
6
-
2
+
3
U1
AD8051
U3B
CD4066
U3C
CD4066
U3D
CD4066
9
10
8
U2C
74HC00
12
13
11
U2D
74HC00
1
2
3
U2A
74HC00
T2
TE STP OINT
T3
TE STP OINT
T11
TE STP OINT
T12
TE STP OINT
T13
TE STP OINT
C1
0.1UF
VD D
VD D
C6
0.1uF
*
C7
10uF
*
VD D
R5
1000
VD D
R2
3K
C11
500PF
VD D
C10
1.5PF
1 VOUT
2 GND
3 VDD
4 VN
5 GND
6 SP
7 GND
8 CP
9 GL ED
10 VL ED
1
2
J1
SMT JUMPER PADS
VL ED
GL ED
1
R4
500
3
2
R3 5K
C12
0.1uF
R1
50
VD D
C13
100PF
C9
0.1uF
*
S1 PI3041A
S2 PI3041A
S3 PI3041A
S12 PI3041A
S13 PI3041A
C2
0.1UF
C5
0.1UF
Place C3 after S6
Place C4 after S9
S4 through S11
Preliminary PI3041A Datasheet
Figure 8. Typical A6 CIS Module Circuit
Page 17 of 18 Date: 09/23/05


Similar Part No. - PI3041A

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
PI3042A AMI-PI3042A Datasheet
1Mb / 18P
   Contact Image Sensor Chip
More results

Similar Description - PI3041A

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
PI3012A AMI-PI3012A Datasheet
694Kb / 7P
   300DPI CIS Sensor Chip
PI630MC-A6C AMI-PI630MC-A6C Datasheet
1Mb / 10P
   Color Contact Image Sensor (CIS)
logo
ON Semiconductor
NOM03A6-AY17G ONSEMI-NOM03A6-AY17G Datasheet
311Kb / 9P
   300DPI High--Speed Contact Image Sensor Module
June, 2010 -- Rev. 0
logo
AMI SEMICONDUCTOR
PI3039 AMI-PI3039 Datasheet
636Kb / 10P
   600DPI CIS Image Sensor Chip
logo
Rohm
IA3004-CE10A ROHM-IA3004-CE10A Datasheet
64Kb / 4P
   Color image sensor head (300dpi)
logo
AMI SEMICONDUCTOR
PI3042A AMI-PI3042A Datasheet
1Mb / 18P
   Contact Image Sensor Chip
logo
Rohm
IA3008-CB20A ROHM-IA3008-CB20A Datasheet
69Kb / 4P
   Color image sensor head (300dpi)
logo
AMI SEMICONDUCTOR
PI616MC-AS AMI-PI616MC-AS Datasheet
2Mb / 22P
   600DPI Image Sensor (CIS) PCB
logo
Samsung semiconductor
S5C7322X SAMSUNG-S5C7322X Datasheet
8Mb / 35P
   CMOS IMAGE SENSOR(CIS) IMAGE SIGNAL PROCESSOR
logo
AMI SEMICONDUCTOR
AMIS-721250 AMI-AMIS-721250 Datasheet
627Kb / 12P
   Contact Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com