Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6050D Datasheet(PDF) 6 Page - AMI SEMICONDUCTOR

Part # PI6050D
Description  Contact Image Sensor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI6050D Datasheet(HTML) 6 Page - AMI SEMICONDUCTOR

Back Button PI6050D Datasheet HTML 2Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 3Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 4Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 5Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 6Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 7Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 8Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 9Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 10Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PI6050D Data Sheet
_________________________________________________________________________________________
Electro-Optical Specifications
Table 2 lists the electro-optical specifications of the PI6050D sensor at 25
oC and Vdd = 5.0 volts.
Parameter
Symbol
Min
Typ
Max
Units
Number of Pixels
(1)
344 or 688
344 or 688
Pixel-to-Pixel Spacing
(1)
42.3 / 21.15
42.3 / 21.15
µm
Sensitivity @ 600 dpi
(2)
Sensitivity @ 1200 dpi
Sv
1220
610
V / uJ / cm2
Saturation Voltage
(3)
VSat
1.65
Volts
Photo-Response Non-Uniformity
(4)
Up
15
%
Adjacent Photo-Response Non-Uniformity
(5)
Upn
15
%
Dark Output Voltage Level
(6)
Vd
1.7
V
Dark Output Non-Uniformity
(7)
Ud
100
mV
Random Thermal Noise (rms)
(8)
Vno
3.0
mV
Sensor-to-Sensor Photo-Response Non-
Uniformity
(9)
Usensor
10
%
Photo Response Linearity
(10)
PRL
2
%
Analog Output Drive Current
Iout
>1.0
mA
Table 2. Electro-Optical Specifications
Notes for the above Table 2 are listed on the next page under “Definitions of Electro-Optical Specifications”.
Page 6 of 15, PI6050D_rev A, Revised 1-31-05


Similar Part No. - PI6050D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PI60-04-FPIZ ETC2-PI60-04-FPIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS B uck Regulator
logo
AMI SEMICONDUCTOR
PI6049A AMI-PI6049A Datasheet
977Kb / 13P
   Contact Image Sensor
logo
NIKO SEMICONDUCTOR CO.,...
PI608BZ NIKOSEM-PI608BZ Datasheet
369Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - PI6050D

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-721250 AMI-AMIS-721250 Datasheet
627Kb / 12P
   Contact Image Sensor
PI3033B AMI-PI3033B Datasheet
921Kb / 13P
   Contact Image Sensor
AMIS-720233 AMI-AMIS-720233 Datasheet
461Kb / 12P
   Contact Image Sensor
AMIS-720341 AMI-AMIS-720341 Datasheet
1Mb / 16P
   Contact Image Sensor
AMIS-720649 AMI-AMIS-720649 Datasheet
345Kb / 10P
   Contact Image Sensor
AMIS-720658 AMI-AMIS-720658 Datasheet
636Kb / 15P
   Contact Image Sensor
AMIS-722402 AMI-AMIS-722402 Datasheet
740Kb / 15P
   Contact Image Sensor
PI6049A AMI-PI6049A Datasheet
977Kb / 13P
   Contact Image Sensor
AMIS-720442 AMI-AMIS-720442 Datasheet
493Kb / 16P
   400dpi Contact Image Sensor
logo
Mitsubishi Electric Sem...
UA2B200AX MITSUBISHI-UA2B200AX Datasheet
93Kb / 6P
   Contact Type Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com