Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGT75TA60PG Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APTGT75TA60PG
Description  Triple phase leg Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGT75TA60PG Datasheet(HTML) 5 Page - Microsemi Corporation

  APTGT75TA60PG Datasheet HTML 1Page - Microsemi Corporation APTGT75TA60PG Datasheet HTML 2Page - Microsemi Corporation APTGT75TA60PG Datasheet HTML 3Page - Microsemi Corporation APTGT75TA60PG Datasheet HTML 4Page - Microsemi Corporation APTGT75TA60PG Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APTGT75TA60PG
www.microsemi.com
5 - 5
Forward Characteristic of diode
TJ=25°C
TJ=125°C
TJ=150°C
0
25
50
75
100
125
150
0
0.4
0.8
1.2
1.6
2
2.4
VF (V)
Hard
switching
ZCS
ZVS
0
20
40
60
80
100
120
0
20406080
100
IC (A)
VCE=300V
D=50%
RG=4.7Ω
TJ=150°C
Tc=85°C
Operating Frequency vs Collector Current
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.2
0.4
0.6
0.8
1
1.2
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration in Seconds
Diode
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APTGT75TA60PG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT75TA60P ADPOW-APTGT75TA60P Datasheet
283Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT75TA60PG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT75TA60P ADPOW-APTGT75TA60P Datasheet
283Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT100TA60PG MICROSEMI-APTGT100TA60PG Datasheet
258Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
APTGT150TA60PG MICROSEMI-APTGT150TA60PG Datasheet
258Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT150TA60P ADPOW-APTGT150TA60P Datasheet
283Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT50TA60PG MICROSEMI-APTGT50TA60PG Datasheet
257Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
APTGT50TA170PG MICROSEMI-APTGT50TA170PG Datasheet
259Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT50TA60P ADPOW-APTGT50TA60P Datasheet
285Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
APTGT100TA60P ADPOW-APTGT100TA60P Datasheet
284Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT75TA120PG MICROSEMI-APTGT75TA120PG Datasheet
258Kb / 5P
   Triple phase leg Fast Trench Field Stop IGBT Power Module
APTGT100TA120TPG MICROSEMI-APTGT100TA120TPG Datasheet
227Kb / 5P
   Triple phase leg Fast Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com