Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGT100DH60TG Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APTGT100DH60TG
Description  Asymmetrical - Bridge Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGT100DH60TG Datasheet(HTML) 2 Page - Microsemi Corporation

  APTGT100DH60TG Datasheet HTML 1Page - Microsemi Corporation APTGT100DH60TG Datasheet HTML 2Page - Microsemi Corporation APTGT100DH60TG Datasheet HTML 3Page - Microsemi Corporation APTGT100DH60TG Datasheet HTML 4Page - Microsemi Corporation APTGT100DH60TG Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
APTGT100DH60TG
www.microsemi.com
2 - 5
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
ICES
Zero Gate Voltage Collector Current
VGE = 0V, VCE = 600V
250
µA
Tj = 25°C
1.5
1.9
VCE(sat)
Collector Emitter Saturation Voltage
VGE =15V
IC = 100A
Tj = 150°C
1.7
V
VGE(th)
Gate Threshold Voltage
VGE = VCE, IC = 1.5 mA
5.0
5.8
6.5
V
IGES
Gate – Emitter Leakage Current
VGE = 20V, VCE = 0V
400
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Cies
Input Capacitance
6100
Coes
Output Capacitance
390
Cres
Reverse Transfer Capacitance
VGE = 0V
VCE = 25V
f = 1MHz
190
pF
Td(on)
Turn-on Delay Time
115
Tr
Rise Time
45
Td(off)
Turn-off Delay Time
225
Tf
Fall Time
Inductive Switching (25°C)
VGE = ±15V
VBus = 300V
IC = 100A
RG = 3.3Ω
55
ns
Td(on)
Turn-on Delay Time
130
Tr
Rise Time
50
Td(off)
Turn-off Delay Time
300
Tf
Fall Time
Inductive Switching (150°C)
VGE = ±15V
VBus = 300V
IC = 100A
RG = 3.3Ω
70
ns
Tj = 25°C
0.4
Eon
Turn on Energy
Tj = 150°C
0.875
mJ
Tj = 25°C
2.5
Eoff
Turn off Energy
VGE = ±15V
VBus = 300V
IC = 100A
RG = 3.3Ω
Tj = 150°C
3.5
mJ
Diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
600
V
Tj = 25°C
250
IRM
Maximum Reverse Leakage Current
VR=600V
Tj = 150°C
500
µA
IF
DC Forward Current
Tc = 80°C
100
A
Tj = 25°C
1.6
2
VF
Diode Forward Voltage
IF = 100A
VGE = 0V
Tj = 150°C
1.5
V
Tj = 25°C
125
trr
Reverse Recovery Time
Tj = 150°C
220
ns
Tj = 25°C
4.7
Qrr
Reverse Recovery Charge
Tj = 150°C
9.9
µC
Tj = 25°C
1.1
Er
Reverse Recovery Energy
IF = 100A
VR = 300V
di/dt =2000A/µs
Tj = 150°C
2.4
mJ


Similar Part No. - APTGT100DH60TG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT100DH60T3G MICROSEMI-APTGT100DH60T3G Datasheet
202Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT100DH60TG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT75DH60T3G MICROSEMI-APTGT75DH60T3G Datasheet
204Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT50DH170T ADPOW-APTGT50DH170T Datasheet
281Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT Power Module
APTGT100DH170 ADPOW-APTGT100DH170 Datasheet
273Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT150DH60TG MICROSEMI-APTGT150DH60TG Datasheet
259Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT Power Module
APTGT50DH60T1G MICROSEMI-APTGT50DH60T1G Datasheet
212Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT Power Module
APTGT100DH170G MICROSEMI-APTGT100DH170G Datasheet
254Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT Power Module
APTGT150DH170G MICROSEMI-APTGT150DH170G Datasheet
251Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT150DH170 ADPOW-APTGT150DH170 Datasheet
272Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT300DH60G MICROSEMI-APTGT300DH60G Datasheet
250Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT Power Module
APTGT50DH60TG MICROSEMI-APTGT50DH60TG Datasheet
258Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com