Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGT150A120G Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APTGT150A120G
Description  Phase leg Fast Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGT150A120G Datasheet(HTML) 2 Page - Microsemi Corporation

  APTGT150A120G Datasheet HTML 1Page - Microsemi Corporation APTGT150A120G Datasheet HTML 2Page - Microsemi Corporation APTGT150A120G Datasheet HTML 3Page - Microsemi Corporation APTGT150A120G Datasheet HTML 4Page - Microsemi Corporation APTGT150A120G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
APTGT150A120G
www.microsemi.com
2 - 5
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
ICES
Zero Gate Voltage Collector Current
VGE = 0V, VCE = 1200V
350
µA
Tj = 25°C
1.7
2.1
VCE(sat)
Collector Emitter Saturation Voltage
VGE = 15V
IC = 150A
Tj = 125°C
2.0
V
VGE(th)
Gate Threshold Voltage
VGE = VCE, IC = 3 mA
5.0
5.8
6.5
V
IGES
Gate – Emitter Leakage Current
VGE = 20V, VCE = 0V
400
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Cies
Input Capacitance
10.7
Coes
Output Capacitance
0.56
Cres
Reverse Transfer Capacitance
VGE = 0V
VCE = 25V
f = 1MHz
0.48
nF
Td(on)
Turn-on Delay Time
280
Tr
Rise Time
40
Td(off)
Turn-off Delay Time
420
Tf
Fall Time
Inductive Switching (25°C)
VGE = ±15V
VBus = 600V
IC = 150A
RG = 2.2Ω
75
ns
Td(on)
Turn-on Delay Time
290
Tr
Rise Time
45
Td(off)
Turn-off Delay Time
520
Tf
Fall Time
Inductive Switching (125°C)
VGE = ±15V
VBus = 600V
IC = 150A
RG = 2.2Ω
90
ns
Eon
Turn-on Switching Energy
Tj = 125°C
14
Eoff
Turn-off Switching Energy
VGE = ±15V
VBus = 600V
IC = 150A
RG = 2.2Ω
Tj = 125°C
16
mJ
Reverse diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
1200
V
Tj = 25°C
250
IRM
Maximum Reverse Leakage Current
VR=1200V
Tj = 125°C
600
µA
IF
DC Forward Current
Tc = 80°C
150
A
Tj = 25°C
1.6
2.1
VF
Diode Forward Voltage
IF = 150A
Tj = 125°C
1.6
V
Tj = 25°C
170
trr
Reverse Recovery Time
Tj = 125°C
280
ns
Tj = 25°C
14
Qrr
Reverse Recovery Charge
Tj = 125°C
28
µC
Tj = 25°C
6
Er
Reverse Recovery Energy
IF = 150A
VR = 600V
di/dt =2500A/µs
Tj = 125°C
11
mJ


Similar Part No. - APTGT150A120G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT150A120 ADPOW-APTGT150A120 Datasheet
269Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
APTGT150A120D1 ADPOW-APTGT150A120D1 Datasheet
185Kb / 3P
   Phase leg Trench IGBT Power Module
logo
Microsemi Corporation
APTGT150A120D1G MICROSEMI-APTGT150A120D1G Datasheet
187Kb / 4P
   Phase leg Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT150A120D3 ADPOW-APTGT150A120D3 Datasheet
201Kb / 3P
   Phase leg Trench IGBT Power Module
APTGT150A120T ADPOW-APTGT150A120T Datasheet
279Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT150A120G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT100A120TG MICROSEMI-APTGT100A120TG Datasheet
257Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
APTGT200A120G MICROSEMI-APTGT200A120G Datasheet
245Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
APTGT300A120G MICROSEMI-APTGT300A120G Datasheet
245Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
APTGT300A120G MICROSEMI-APTGT300A120G_09 Datasheet
154Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT300A120 ADPOW-APTGT300A120 Datasheet
271Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
APTGT50A120T ADPOW-APTGT50A120T Datasheet
279Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT50A120TG MICROSEMI-APTGT50A120TG Datasheet
258Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
APTGT150A120TG MICROSEMI-APTGT150A120TG Datasheet
258Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT100A120T ADPOW-APTGT100A120T Datasheet
279Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT75A120TG MICROSEMI-APTGT75A120TG Datasheet
258Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT400A120 ADPOW-APTGT400A120 Datasheet
271Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com