Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

43WR50KLFTB Datasheet(PDF) 2 Page - Bi technologies

Part # 43WR50KLFTB
Description  3 mm Multi-Turn Sealed Surface Mount Cermet Trimming Potentiometer RoHS compliant
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

43WR50KLFTB Datasheet(HTML) 2 Page - Bi technologies

  43WR50KLFTB Datasheet HTML 1Page - Bi technologies 43WR50KLFTB Datasheet HTML 2Page - Bi technologies 43WR50KLFTB Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL 43
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345 Website: www.bitechnologies.com
November 8, 2006
page 2 of 3
BI technologies
ENVIRONMENTAL
ENVIRONMENTAL
ENVIRONMENTAL
ENVIRONMENTAL
Seal
85
°C Fluorinert®
Operating Temperature Range
-65
°C to +150°C
Thermal Shock, 5 cycles, -55
°C to +125°C
2%
∆R, 2% ∆V Ratio max.
Moisture Resistance, Ten 24 Hour Cycles
3%
∆R
Shock, 6 ms Sawtooth 100G’s
1%
∆R, 1% ∆V Ratio max.
Vibration, 20G’s to 2000 Hz
1%
∆R, 1% ∆V Ratio max.
High Temperature Exposure, 250 Hours @ 125
°C
2%
∆R, 2% ∆V Ratio max.
Rotational Life, 200 Cycles
3%
∆R
Load Life, 0.125W, 1000 Hours, 70
°C
4%
∆R or 4 ohms which ever is greatest, 2% ∆V Ratio max.
Resistance to Solder Heat
260
°C for 5 sec.
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION2222
PACKAGING INFORMATIO
PACKAGING INFORMATIO
PACKAGING INFORMATIO
PACKAGING INFORMATION
N
N
N
Tape & Reel
Tape Width
12 mm
Sprocket Pitch
4 mm
Reel Diameter
7 inches
Quantity per Reel
500 units
Tubes
Anti-Static Tubes, all units oriented with #1 pin to the same side
50 units per tube
STANDARD RESISTANCE
STANDARD RESISTANCE
STANDARD RESISTANCE
STANDARD RESISTANCE VALUES, OHMS
VALUES, OHMS
VALUES, OHMS
VALUES, OHMS
10
100
1K
10K
100K
1 Meg
20
200
2K
20K
200K
2 Meg
50
500
5K
50K
500K
2
Contact our customer service for custom designs and features.
43
43
43
43 W R10K LF XX
W R10K LF XX
W R10K LF XX
W R10K LF XX
Model Series
Pin Style
Packaging Option:
TR - 7” Tape & Reel
TB - Tube
RoHS Compliant Product Code
Resistance Value


Similar Part No. - 43WR50KLFTB

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
43WR10KLFTB TTELEC-43WR10KLFTB Datasheet
617Kb / 3P
   MULTI-TURN TRIMMER
43WR10KLFTR TTELEC-43WR10KLFTR Datasheet
617Kb / 3P
   MULTI-TURN TRIMMER
logo
Bi technologies
43WR10KLF BITECH-43WR10KLF_09 Datasheet
68Kb / 3P
   Cermet Trimming Potentiometer
More results

Similar Description - 43WR50KLFTB

ManufacturerPart #DatasheetDescription
logo
Bi technologies
22AR10KLFTR BITECH-22AR10KLFTR Datasheet
171Kb / 3P
   3 mm Single Turn Sealed Surface Mount Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
22AR500LFTR ETC-22AR500LFTR Datasheet
164Kb / 3P
   3 mm Square Sealed Single Turn Surface Mount Cermet Trimming Potentiometer
logo
Bi technologies
23AR10KLFTR BITECH-23AR10KLFTR Datasheet
125Kb / 4P
   4mm Square Sealed Single Turn Surface Mount Cermet Trimming Potentiometer
35WR10KLFTR BITECH-35WR10KLFTR Datasheet
121Kb / 3P
   3 mm Single-Turn Open Frame Surface Mount Cermet Trimming Potentiometer
23BR5KLFTR BITECH-23BR5KLFTR Datasheet
129Kb / 4P
   4mm Square Sealed Single Turn Surface Mount Cermet Trimming Potentiometer
logo
Vishay Siliconix
5W-100 VISHAY-5W-100 Datasheet
181Kb / 2P
   5mm 11 Turn Surface Mount Cermet Trimming Potentiometer
Revision 16-Jul-03
logo
Bi technologies
83PR10KLF BITECH-83PR10KLF Datasheet
55Kb / 3P
   1/4 Single Turn Surface Mount Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
CT6S104 ETC1-CT6S104 Datasheet
369Kb / 6P
   Single Turn Trimming Potentiometer 6 mm Square, Cermet
logo
Bi technologies
91PR10KLF BITECH-91PR10KLF Datasheet
69Kb / 4P
   3/8 Diameter Single Turn Cermet Trimming Potentiometer
72PR10KLF BITECH-72PR10KLF Datasheet
81Kb / 6P
   3/8 Square Single Turn Cermet Trimming Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com