Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANTX1N6094 Datasheet(PDF) 1 Page - Opto Electronics Co,. LTD

Part # JANTX1N6094
Description  JAN QUALIFIED HERMETIC LED INDICATORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

JANTX1N6094 Datasheet(HTML) 1 Page - Opto Electronics Co,. LTD

  JANTX1N6094 Datasheet HTML 1Page - Opto Electronics Co,. LTD JANTX1N6094 Datasheet HTML 2Page - Opto Electronics Co,. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
1-5
62035
1N5765
1N6092
JAN QUALIFIED HERMETIC
1N6093
LED INDICATORS
1N6094
Mii
OPTOELECTRONIC PRODUCTS
DIVISION
Features:
Hermetically sealed
Choice of colors (Red, Yellow, Green)
Wide Viewing Angle
Panel Mount versions with wire wrappable leads
Designed for Hi-Reliability applications
Applications:
P.C. Board Fault Indicator
Logic Status Indicator
Binary Data Display
Power supply on/off indicator
DESCRIPTION
The 1N5765, 1N6092, 1N6093 and 1N6094 series indicators are hermetically sealed in TO-46 packages. A tinted diffused
dome lens provides good on/off contrast and a wide viewing angle. The 1N5765 indicator utilizes a GaAsP on GaAs LED. The
1N6092 (red) and 1N6093 (yellow) indicators utilize a high efficiency GaAsP on GaP LED, while the 1N6094 indicator utilizes
a GaP on GaP LED. Each type uses a colored diffused plastic lens over a glass window. All versions are available in standard,
JAN or JANTX screened levels.
ABSOLUTE MAXIMUM RATINGS
Storage Temperature.............................................................................................................................................. -65°C to +100°C
Operating Temperature .......................................................................................................................................... -55°C to +100°C
Reverse Voltage ....................................................................................................................................................................... 5Vdc
Reverse Voltage (1N5765). ....................................................................................................................................................…4Vdc
Power Dissipation (Derate at the rate of 2.4 mW/°C above 50°C) ....................................................................................... 120mW
Power Dissipation (1N5765)....(Derate at the rate of 3.0 mW/°C above 50°C) .................................................................... 150mW
Forward Current-Continuous .................................................................................................................................................... 35mA
Forward Current-Continuous (1N5765) ................................................................................................................................... 50mA
Lead Soldering Temperature (1/16” (1.6mm) from case for 10 seconds) ...............................................................................260°C
Maximum Mounting Torque (Panel mount version).............................................................................................................. 25in•lbs
Indicator Dimensions
Panel Mount Dimensions
Schematic Diagram
NOTES:
CATHODE
.055 [1.39]
.045 [1.14]
CATHODE
0.028 [0.71]
0.022 [0.56]
Ø 0.038[9.86]
Ø 0.373[9.47]
ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]
ALODINE
0.312-32 UNF-2A
0.372 [9.45]
0.420 [10.67]
0.089 [2.26]
0.425 [10.80]
0.021 [0.53]
0.045 [1.14]
0.035 [0.89]
0.042 [1.07]
0.032 [0.81]
1. ALL EXTERNAL METAL SURFACES OF THE PACKAGE
ARE BLACK ANODIZED EXCEPT FOR THE ALODINE
AREA OF THE FLANGE AND THE GOLD-PLATED LEADS.
2. MOUNTING HARDWARE WHICH INCLUDES ONE LOCK
CATHODE
0.520 [13.21]
0.500 [12.70]
0.070 [1.78]
0.060 [1.52]
0.583 [14.81]
0.500 [12.70]
0.025 [0.64] NOMINAL
0.190 [4.83]
0.176 [4.47]
0.024 [0.62]
0.016 [0.41]
1.030 [26.16]
0.97 [24.64]
0.020 [0.51]
0.016 [0.41]
0.105 [2.67]
0.095 [2.41]
WASHER AND ONE HEX NUT IS INCLUDED WITH EACH
PANEL MOUNTABLE HERMETIC SOLID STATE LAMP.
0.139 [3.53]
0.133 [3.38]
.225 [5.72]
.180 [4.57]
TINTED DIFFUSED DOME
GOLD PLATED KOVAR
Ø0.220 [5.59]
Ø0.200 [5.08]


Similar Part No. - JANTX1N6094

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANTX1N6036 MICROSEMI-JANTX1N6036 Datasheet
202Kb / 4P
   1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
JANTX1N6036A MICROSEMI-JANTX1N6036A Datasheet
202Kb / 4P
   1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
JANTX1N6036ATR MICROSEMI-JANTX1N6036ATR Datasheet
202Kb / 4P
   1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
JANTX1N6036TR MICROSEMI-JANTX1N6036TR Datasheet
202Kb / 4P
   1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
JANTX1N6037 MICROSEMI-JANTX1N6037 Datasheet
202Kb / 4P
   1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - JANTX1N6094

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
62035 MICROPAC-62035_V01 Datasheet
131Kb / 2P
   JAN AND JANTX QUALIFIED, HERMETIC LED INDICATORS
09/22/03
1N6609 MICROPAC-1N6609 Datasheet
114Kb / 2P
   JAN AND JANTX QUALIFIED, HI-BRITE HERMETIC LED INDICATORS
62035 MICROPAC-62035 Datasheet
54Kb / 2P
   JAN AND JANTX QUALIFIED
62041 MICROPAC-62041 Datasheet
54Kb / 2P
   JAN AND JANTX QUALIFIED
62100 MICROPAC-62100 Datasheet
124Kb / 2P
   ULTRA-BRITE HERMETIC LED INDICATORS
62072 MICROPAC-62072 Datasheet
160Kb / 3P
   BI-COLOR HERMETIC LED INDICATORS
62098 MICROPAC-62098 Datasheet
170Kb / 3P
   TRI-COLOR HERMETIC LED INDICATORS
62118 MICROPAC-62118 Datasheet
111Kb / 2P
   TRI-COLOR HERMETIC LED INDICATORS
62069 MICROPAC-62069 Datasheet
81Kb / 2P
   HI BRITE HERMETIC LED INDICATORS, PANEL MOUNT
logo
Marl International Limi...
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com