Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM7120220LFTR Datasheet(PDF) 3 Page - Bi technologies

Part # HM7120220LFTR
Description  High Performance Low Cost Surface Mount Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM7120220LFTR Datasheet(HTML) 3 Page - Bi technologies

  HM7120220LFTR Datasheet HTML 1Page - Bi technologies HM7120220LFTR Datasheet HTML 2Page - Bi technologies HM7120220LFTR Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2007/08 EDITION
We reserve the right to change specifications without prior notice.
72
Ordering Information
Inductance Code:
First 2 digits are significant. Last digit denotes the
number of trailing zeros. For values below 10µH,
“R“ denotes the decimal point.
Model Series
HM71
30
4R7
LF
TR
Case Size:
10 = Figure 1
20 = Figure 2
30 = Figure 2
40 = Figure 2
50 = Figure 2
Outline Dimensions (Inch/mm) / Packaging
Figure 1
Figure 2
Lead Free
Tape & Reel Packing


Similar Part No. - HM7120220LFTR

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM712 HMSEMI-HM712 Datasheet
606Kb / 8P
   Static common mode output point is 50% VCC
HM712-10A HMSEMI-HM712-10A Datasheet
606Kb / 8P
   Static common mode output point is 50% VCC
HM712-20A HMSEMI-HM712-20A Datasheet
606Kb / 8P
   Static common mode output point is 50% VCC
HM712-30A HMSEMI-HM712-30A Datasheet
606Kb / 8P
   Static common mode output point is 50% VCC
HM712-5A HMSEMI-HM712-5A Datasheet
606Kb / 8P
   Static common mode output point is 50% VCC
More results

Similar Description - HM7120220LFTR

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM71 BITECH-HM71_15 Datasheet
648Kb / 2P
   High Performance Low Cost Surface Mount Inductors
logo
TT Electronics.
HM71 TTELEC-HM71 Datasheet
671Kb / 2P
   High Performance Low Cost Surface Mount Inductors
logo
Bi technologies
HM61 BITECH-HM61 Datasheet
252Kb / 2P
   Low Cost Miniature Surface Mount Inductors
logo
List of Unclassifed Man...
HM61 ETC1-HM61 Datasheet
252Kb / 2P
   Low Cost Miniature Surface Mount Inductors
logo
TT Electronics.
HM79 TTELEC-HM79 Datasheet
301Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
logo
Bi technologies
HM79 BITECH-HM79_15 Datasheet
277Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
HM79 BITECH-HM79 Datasheet
429Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
logo
M/A-COM Technology Solu...
MAIA-007495 MA-COM-MAIA-007495 Datasheet
775Kb / 6P
   Low Cost / High Performance
logo
List of Unclassifed Man...
HA72E-06 ETC2-HA72E-06 Datasheet
373Kb / 3P
   High Power High Performance Molded Surface Mount Inductors
logo
Bi technologies
HA72T BITECH-HA72T Datasheet
536Kb / 2P
   High Power High Performance Molded Surface Mount Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com