Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2614 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA2614
Description  6 W hi-fi audio power amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2614 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA2614 Datasheet HTML 1Page - NXP Semiconductors TDA2614 Datasheet HTML 2Page - NXP Semiconductors TDA2614 Datasheet HTML 3Page - NXP Semiconductors TDA2614 Datasheet HTML 4Page - NXP Semiconductors TDA2614 Datasheet HTML 5Page - NXP Semiconductors TDA2614 Datasheet HTML 6Page - NXP Semiconductors TDA2614 Datasheet HTML 7Page - NXP Semiconductors TDA2614 Datasheet HTML 8Page - NXP Semiconductors TDA2614 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
July 1994
2
Philips Semiconductors
Product specification
6 W hi-fi audio power amplifier
TDA2614
FEATURES
• Requires very few external components
• No switch-on/switch-off clicks
• Input mute during switch-on and switch-off
• Low offset voltage between output and ground
• Hi-fi in accordance with IEC 268 and DIN 45500
• Short-circuit proof and thermal protected
• Mute possibility.
GENERAL DESCRIPTION
The TDA2614 is a power amplifier in a 9-lead single-in-line
(SIL9) plastic medium power package. It has been
especially designed for mains fed applications, such as TV
and radio.
QUICK REFERENCE DATA
ORDERING INFORMATION
Note
1. SOT110-1; 1996 August 21.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
positive supply voltage range
15
42
V
PO
output power
VS = 24 V; THD = 0.5%
6.5
W
Gv
internal voltage gain
30
dB
SVRR
supply voltage ripple rejection
45
dB
Vno
noise output voltage
70
−µV
EXTENDED TYPE
NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TDA2614
9
SIL
plastic
SOT110(1)


Similar Part No. - TDA2614

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA2611 PHILIPS-TDA2611 Datasheet
251Kb / 13P
   5 W audio power amplifier
November 1982
logo
Unisonic Technologies
TDA2611 UTC-TDA2611 Datasheet
115Kb / 3P
   DUAL EQUALIZER AMPLIFIER WITH ALC
logo
NXP Semiconductors
TDA2611A PHILIPS-TDA2611A Datasheet
251Kb / 13P
   5 W audio power amplifier
November 1982
TDA2613 PHILIPS-TDA2613 Datasheet
69Kb / 11P
   6 W hi-fi audio power amplifier
July 1994
TDA2615 PHILIPS-TDA2615 Datasheet
68Kb / 12P
   2 x 6 W hi-fi audio power amplifier
1995 May 08
More results

Similar Description - TDA2614

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA2613 PHILIPS-TDA2613 Datasheet
69Kb / 11P
   6 W hi-fi audio power amplifier
July 1994
TDA1521A PHILIPS-TDA1521A Datasheet
126Kb / 15P
   2 x 6 W hi-fi audio power amplifier
July 1994
TDA2615 PHILIPS-TDA2615 Datasheet
68Kb / 12P
   2 x 6 W hi-fi audio power amplifier
1995 May 08
logo
STMicroelectronics
TDA2050 STMICROELECTRONICS-TDA2050_11 Datasheet
2Mb / 18P
   32 W hi-fi audio power amplifier
TDA2030 STMICROELECTRONICS-TDA2030_05 Datasheet
321Kb / 17P
   14 W hi-fi audio amplifier
logo
List of Unclassifed Man...
TDA1512 ETC-TDA1512 Datasheet
214Kb / 6P
   12 TO 20 W HI FI AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA1521 PHILIPS-TDA1521 Datasheet
150Kb / 14P
   2 x 12 W hi-fi audio power amplifier
July 1994
logo
STMicroelectronics
TDA2050 STMICROELECTRONICS-TDA2050 Datasheet
185Kb / 13P
   32W Hi-Fi AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2050 TGS-TDA2050 Datasheet
196Kb / 6P
   32W Hi-Fi AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
TDA2050 UTC-TDA2050_15 Datasheet
245Kb / 7P
   32W HI-FI AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com