Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

62PFR200KLF Datasheet(PDF) 2 Page - Bi technologies

Part # 62PFR200KLF
Description  1/4 Diameter Single Turn Cermet Trimming Potentiometer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

62PFR200KLF Datasheet(HTML) 2 Page - Bi technologies

  62PFR200KLF Datasheet HTML 1Page - Bi technologies 62PFR200KLF Datasheet HTML 2Page - Bi technologies 62PFR200KLF Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1-32
Model 62
Terminal Pins (3)
Solderable
.017
± .003
0.432
± 0.076
Dia.
Min.
.19
4.83
.10
2.54
.10
2.54
.10
2.54
.210
5.08
(3)
(2)
(1)
.10
2.54
.10
2.54
Case:
Plastic
.30
7.62
.150
± .015
3.810
± 0.381
(2)
(3)
Dia.
.017
± .003
0.432
± 0.076
Solderable Pins (3)
(1)
.20
5.08
Max.
.015
0.381
Min.
.25
6.35
Min.
Standoff 3 Pls.
.360
9.144
Max.
.280
7.112
Max.
Model No.
& Resistance
Value on either
surface
TOP ADJUSTMENT (Inch/mm)
.10
2.54
.210
5.08
.10
2.54
.025
0.635
90
° ± 5°
(2)
(3)
(1)
Model
Dim . A
Min.
.312
±.062
7.92
±1.57
62P
.625
15.87
.250
± .020
6.350
± 0.508
62PF
.007
0.178
Min.
Standoff
3 Places
Standoff
Plastic
Terminal Pins (3)
Solderable
.017
± .003
0.432
± 0.076
A
Dia.
Housing: Metal
Dia.
.110
± .005
2.794
± 0.127
Electric Adjustment
.025
± .005
0.635
± 0.127
Long X
.035
± .005
0.889
± 0.127
Wide X
Deep Slot
Model 62P, 62PF
Model 62B
Model 62M
±
Note: Model 62P dimensions applicable to all models except as noted.


Similar Part No. - 62PFR200KLF

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
62P GRAYHILL-62P Datasheet
408Kb / 2P
   Low Cost, PC Mount
62P GRAYHILL-62P Datasheet
5Mb / 33P
   Custom, Absolute
logo
Belden Inc.
62P1204 BELDEN-62P1204 Datasheet
155Kb / 2P
   Inst, 4 Pr #12 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC 150V NPLF THHN OR THWN
04-14-2023
62P1402 BELDEN-62P1402 Datasheet
151Kb / 2P
   Inst PVC/PVC, 2 Pr #14 Str BC, PVC-NYL Ins E1, Blk PVC Jkt, TC-ER NPLF 90C Dry 75C Wet
12-20-2022
62P1402-0102540 BELDEN-62P1402-0102540 Datasheet
151Kb / 2P
   Inst PVC/PVC, 2 Pr #14 Str BC, PVC-NYL Ins E1, Blk PVC Jkt, TC-ER NPLF 90C Dry 75C Wet
12-20-2022
More results

Similar Description - 62PFR200KLF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
82PR10KLF BITECH-82PR10KLF Datasheet
62Kb / 4P
   1/4 Diameter Single Turn Cermet Trimming Potentiometer
93PR10KLF BITECH-93PR10KLF_12 Datasheet
55Kb / 3P
   1/2 Diameter Single Turn Cermet Trimming Potentiometer
93PR10KLF BITECH-93PR10KLF Datasheet
49Kb / 3P
   1/2 Diameter Single Turn Cermet Trimming Potentiometer
24WR10KLFTR BITECH-24WR10KLFTR Datasheet
63Kb / 3P
   4mm Diameter Single Turn Cermet Trimming Potentiometer
25PR10KLF BITECH-25PR10KLF Datasheet
122Kb / 4P
   1/4??Square Single Turn Cermet Trimming Potentiometer
91PR10KLF BITECH-91PR10KLF Datasheet
69Kb / 4P
   3/8 Diameter Single Turn Cermet Trimming Potentiometer
83PR10KLF BITECH-83PR10KLF Datasheet
55Kb / 3P
   1/4 Single Turn Surface Mount Cermet Trimming Potentiometer
72PR10KLF BITECH-72PR10KLF Datasheet
81Kb / 6P
   3/8 Square Single Turn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
CT6S104 ETC1-CT6S104 Datasheet
369Kb / 6P
   Single Turn Trimming Potentiometer 6 mm Square, Cermet
logo
Bi technologies
64PR10KLF BITECH-64PR10KLF_08 Datasheet
63Kb / 4P
   1/4 Square Multiturn Cermet Trimming Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com