Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2615 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA2615
Description  2 x 6 W hi-fi audio power amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2615 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA2615 Datasheet HTML 2Page - NXP Semiconductors TDA2615 Datasheet HTML 3Page - NXP Semiconductors TDA2615 Datasheet HTML 4Page - NXP Semiconductors TDA2615 Datasheet HTML 5Page - NXP Semiconductors TDA2615 Datasheet HTML 6Page - NXP Semiconductors TDA2615 Datasheet HTML 7Page - NXP Semiconductors TDA2615 Datasheet HTML 8Page - NXP Semiconductors TDA2615 Datasheet HTML 9Page - NXP Semiconductors TDA2615 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1995 May 08
6
Philips Semiconductors
Product specification
2
× 6 W hi-fi audio power amplifier
TDA2615
CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
±VP
supply voltage range
12
21
V
IORM
repetitive peak output current
2.2
−−
A
Operating position; note 1
±V
P
supply voltage range
7.5
12
21
V
Iq(tot)
total quiescent current
RL = ∞
18
40
70
mA
PO
output power
THD = 0.5%
5
6
W
THD = 10%
6.5
8
W
THD
total harmonic distortion
PO =4W
0.15
0.2
%
B
power bandwidth
THD = 0.5%; note 2
20 to 20000
Hz
Gv
voltage gain
29
30
31
dB
G
v
gain unbalance
0.2
1
dB
Vno
noise output voltage
note 3
70
140
µV
Z
i
input impedance
14
20
26
k
SVRR
supply voltage ripple rejection
note 4
40
60
dB
αcs
channel separation
RS = 0
46
70
dB
Ibias
input bias current
0.3
−µA
∆V
GND
DC output offset voltage
30
200
mV
∆V
4
−6
DC output offset voltage
between two channels
4
150
mV
MUTE POSITION (AT IMUTE ≥ 300 µA)
VO
output voltage
VI = 600 mV
0.3
1.0
mV
Z2−7
mute input impedance
9
k
Iq(tot)
total quiescent current
RL = ∞
18
40
70
mA
Vno
noise output voltage
note 3
70
140
µV
SVRR
supply voltage ripple rejection
note 4
40
55
dB
∆VGND DC output offset voltage
40
200
mV
∆V
off
offset voltage with respect to
operating position
4
150
mV
I2
current if pin 2 is connected to pin 5
−−
6mA
Mute position; note 5
±V
P
supply voltage range
2
5.8
V
IP
total quiescent current
RL = ∞
930
40
mA
VO
output voltage
VI = 600 mV
0.3
1.0
mV
Vno
noise output voltage
note 3
70
140
µV
SVRR
supply voltage ripple rejection
note 4
40
55
dB
∆V
GND
DC output offset voltage
40
200
mV


Similar Part No. - TDA2615

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA2611 PHILIPS-TDA2611 Datasheet
251Kb / 13P
   5 W audio power amplifier
November 1982
logo
Unisonic Technologies
TDA2611 UTC-TDA2611 Datasheet
115Kb / 3P
   DUAL EQUALIZER AMPLIFIER WITH ALC
logo
NXP Semiconductors
TDA2611A PHILIPS-TDA2611A Datasheet
251Kb / 13P
   5 W audio power amplifier
November 1982
TDA2613 PHILIPS-TDA2613 Datasheet
69Kb / 11P
   6 W hi-fi audio power amplifier
July 1994
TDA2614 PHILIPS-TDA2614 Datasheet
64Kb / 10P
   6 W hi-fi audio power amplifier
July 1994
More results

Similar Description - TDA2615

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1521A PHILIPS-TDA1521A Datasheet
126Kb / 15P
   2 x 6 W hi-fi audio power amplifier
July 1994
TDA2614 PHILIPS-TDA2614 Datasheet
64Kb / 10P
   6 W hi-fi audio power amplifier
July 1994
TDA2613 PHILIPS-TDA2613 Datasheet
69Kb / 11P
   6 W hi-fi audio power amplifier
July 1994
TDA1521 PHILIPS-TDA1521 Datasheet
150Kb / 14P
   2 x 12 W hi-fi audio power amplifier
July 1994
logo
STMicroelectronics
TDA2050 STMICROELECTRONICS-TDA2050_11 Datasheet
2Mb / 18P
   32 W hi-fi audio power amplifier
TDA2030 STMICROELECTRONICS-TDA2030_05 Datasheet
321Kb / 17P
   14 W hi-fi audio amplifier
logo
Unisonic Technologies
PA2616 UTC-PA2616 Datasheet
183Kb / 8P
   2 X 12 W HI-FI AUDIO POWER AMPLIFIERS WITH MUTE
PA2616 UTC-PA2616_15 Datasheet
178Kb / 8P
   2 x 12 W HI-FI AUDIO POWER AMPLIFIERS WITH MUTE
logo
KODENSHI_AUK CORP.
KKA2616 KODENSHI-KKA2616 Datasheet
113Kb / 3P
   2 x 12 W Hi-Fi Audio Power Amplifiers with Mute
logo
Integral Corp.
ILA2616 INTEGRAL-ILA2616 Datasheet
119Kb / 3P
   2 X 12 W HI-FI AUDIO POWER AMPLIFIERS WITH MUTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com