Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30WQ06FNTRRPBF Datasheet(PDF) 3 Page - International Rectifier

Part # 30WQ06FNTRRPBF
Description  SCHOTTKY RECTIFIER 3.5 Amp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30WQ06FNTRRPBF Datasheet(HTML) 3 Page - International Rectifier

  30WQ06FNTRRPBF Datasheet HTML 1Page - International Rectifier 30WQ06FNTRRPBF Datasheet HTML 2Page - International Rectifier 30WQ06FNTRRPBF Datasheet HTML 3Page - International Rectifier 30WQ06FNTRRPBF Datasheet HTML 4Page - International Rectifier 30WQ06FNTRRPBF Datasheet HTML 5Page - International Rectifier 30WQ06FNTRRPBF Datasheet HTML 6Page - International Rectifier 30WQ06FNTRRPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
30WQ06FNPbF
Bulletin PD-21054 rev. B 08/06
3
www.irf.com
Fig. 2 - Typical Values of Reverse Current
Vs. Reverse Voltage
Fig. 3 - Typical Junction Capacitance
Vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance Z
thJC Characteristics
Fig. 1 - Maximum Forward Voltage Drop Characteristics
1
10
100
00.4
0.8
1.2
1.62
2.4
2.8
Forward Voltage Drop - V
(V)
T = 150°C
T = 125°C
T = 25°C
J
J
J
FM
0.001
0.01
0.1
1
10
100
0
10
20304050
60
R
125°C
100°C
75°C
50°C
25°C
Reverse Voltage - V (V)
T = 150°C
J
10
100
1000
0
10
20304050
60
T = 25°C
J
R
Reverse Voltage - V (V)
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
t , Rec tangular Pulse Duration (Seconds)
Single Pulse
(Thermal Resistance)
1
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
C
thJC
DM
J
2
t
1
t
P
DM


Similar Part No. - 30WQ06FNTRRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30WQ06FNTRRPBF VISHAY-30WQ06FNTRRPBF Datasheet
108Kb / 6P
   Schottky Rectifier, 3.5 A
Revision: 18-Apr-08
30WQ06FNTRRPBF VISHAY-30WQ06FNTRRPBF Datasheet
130Kb / 7P
   Schottky Rectifier, 3.5 A
Revision: 14-Jan-11
More results

Similar Description - 30WQ06FNTRRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30WQ04FNPBF IRF-30WQ04FNPBF Datasheet
176Kb / 8P
   SCHOTTKY RECTIFIER 3.5 Amp
logo
Vishay Siliconix
30WQ04FNPBF VISHAY-30WQ04FNPBF Datasheet
105Kb / 6P
   Schottky Rectifier, 3.5 A
Revision: 17-Apr-08
30WQ06FNPBF VISHAY-30WQ06FNPBF Datasheet
108Kb / 6P
   Schottky Rectifier, 3.5 A
Revision: 18-Apr-08
30WQ03FNPBF VISHAY-30WQ03FNPBF_12 Datasheet
128Kb / 7P
   Schottky Rectifier, 3.5 A
Revision: 14-Jan-11
VS-30WQ10FNHM3 VISHAY-VS-30WQ10FNHM3_V01 Datasheet
135Kb / 7P
   Schottky Rectifier, 3.5 A
01-Jan-2022
VS-30WQ10FNPBF VISHAY-VS-30WQ10FNPBF Datasheet
166Kb / 9P
   Schottky Rectifier, 3.5 A
Revision: 14-Jan-11
30WQ03FN-M3 VISHAY-30WQ03FN-M3 Datasheet
129Kb / 7P
   Schottky Rectifier, 3.5 A
Revision: 03-Nov-10
30WQ10FNPBF VISHAY-30WQ10FNPBF_11 Datasheet
156Kb / 8P
   Schottky Rectifier, 3.5 A
Revision: 14-Jan-11
30WQ03FNPBF VISHAY-30WQ03FNPBF Datasheet
105Kb / 6P
   Schottky Rectifier, 3.5 A
Revision: 18-Apr-08
30WQ10FNPBF VISHAY-30WQ10FNPBF Datasheet
104Kb / 6P
   Schottky Rectifier, 3.5 A
Revision: 13-Aug-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com