Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS28CN01U+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS28CN01U+
Description  1Kbit I짼C/SMBus EEPROM with SHA-1 Engine
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS28CN01U+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS28CN01U+ Datasheet HTML 1Page - Maxim Integrated Products DS28CN01U+ Datasheet HTML 2Page - Maxim Integrated Products DS28CN01U+ Datasheet HTML 3Page - Maxim Integrated Products DS28CN01U+ Datasheet HTML 4Page - Maxim Integrated Products DS28CN01U+ Datasheet HTML 5Page - Maxim Integrated Products DS28CN01U+ Datasheet HTML 6Page - Maxim Integrated Products DS28CN01U+ Datasheet HTML 7Page - Maxim Integrated Products DS28CN01U+ Datasheet HTML 8Page - Maxim Integrated Products DS28CN01U+ Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Abridged Data Sheet
DS28CN01
2 of 9
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground
-0.5V, +6V
Maximum Current Any Pin
±20mA
Operating Temperature Range
-40°C to +85°C
Junction Temperature
+150°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature
See IPC/JEDEC J-STD-020
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to the absolute maximum rating conditions for extended periods may affect device.
ELECTRICAL CHARACTERISTICS (see Note 1)
(TA = -40°C to +85°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
1.62
5.50
V
Standby Current
ICCS
Bus idle, VCC = 5.5V
5.5
µA
Operating Current
ICCA
Bus active at 400kHz,
VCC = 5.5V
500
µA
Power-Up Wait Time
tPOIP
(Note 2)
5
µs
EEPROM
VCC ≥ 2.0V
10
Programming Time
tPROG
VCC < 2.0V
45
ms
Programming Current
IPROG
VCC = 5.5V
1.2
mA
At +25°C
200k
Endurance (Notes 3, 4, 5)
NCY
At +85°C
50k
Data Retention (Notes 6, 7, 8)
tDR
At +85°C
40
years
SHA-1 Engine
SHA Computation Time
tCSHA
See full version of data
sheet
ms
SHA Computation Current
ILCSHA
See full version of data
sheet
mA
SCL, SDA, AD1, AD0 Pins (Note 9) (See Figure 3)
VCC ≥ 2.0V
-0.3
0.3 × VCC
LOW Level Input Voltage
VIL
VCC < 2.0V
-0.3
0.25 ×
VCC
V
VCC ≥ 2.0V
0.7 ×
VCC
VCCmax
+0.3V
HIGH Level Input Voltage
VIH
VCC < 2.0V
0.8 ×
VCC
VCCmax
+0.3V
V
VCC ≥ 2.0V
0.05 ×
VCC
Hysteresis of Schmitt Trigger
Inputs (Note 2)
VHYS
VCC < 2.0V
0.1 ×
VCC
V
VCC ≥ 2.0V
0.4
LOW Level Output Voltage at
4mA Sink Current, Open Drain
VOL
VCC < 2.0V
0.2 × VCC
V
VCC ≥ 2.0V
20 +
0.1CB
250
Output Fall Time from VIHmin to
VILmax with a Bus Capacitance
from 10pF to 400pF
(Notes 2, 10)
tOF
VCC < 2.0V
20 +
0.1CB
300
ns
Pulse Width of Spikes that are
Suppressed by the Input Filter
tSP
(Note 2)
50
ns
Input Current with an Input
Voltage Between 0.1VCC and
0.9VCCmax
Ii
(Note 11)
-10
+10
µA


Similar Part No. - DS28CN01U+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28CN01U-A00++ MAXIM-DS28CN01U-A00+ Datasheet
116Kb / 10P
   1Kb I2C/SMBus EEPROM with SHA-1 Engine
Rev 1; 4/09
DS28CN01U-A00++ MAXIM-DS28CN01U-A00+ Datasheet
139Kb / 10P
   1Kb I2C/SMBus EEPROM with SHA-1 Engine
Rev 2; 11/09
DS28CN01U-A00+T MAXIM-DS28CN01U-A00+T Datasheet
116Kb / 10P
   1Kb I2C/SMBus EEPROM with SHA-1 Engine
Rev 1; 4/09
DS28CN01U-A00+T MAXIM-DS28CN01U-A00+T Datasheet
139Kb / 10P
   1Kb I2C/SMBus EEPROM with SHA-1 Engine
Rev 2; 11/09
More results

Similar Description - DS28CN01U+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28CN01 MAXIM-DS28CN01_09 Datasheet
116Kb / 10P
   1Kb I2C/SMBus EEPROM with SHA-1 Engine
Rev 1; 4/09
DS28CN01_0911 MAXIM-DS28CN01_0911 Datasheet
139Kb / 10P
   1Kb I2C/SMBus EEPROM with SHA-1 Engine
Rev 2; 11/09
DS2432 MAXIM-DS2432 Datasheet
165Kb / 17P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
060608
DS2432 MAXIM-DS2432_12 Datasheet
432Kb / 17P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 3/12
DS28E01-100 MAXIM-DS28E01-100 Datasheet
164Kb / 20P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 7; 3/12
logo
Dallas Semiconductor
DS1961S DALLAS-DS1961S Datasheet
360Kb / 36P
   1kb Protected EEPROM iButton With SHA-1 Engine
logo
Maxim Integrated Produc...
DS1961S MAXIM-DS1961S Datasheet
364Kb / 36P
   1kb Protected EEPROM iButton With SHA-1 Engine
092302
DS28E01-100 MAXIM-DS28E01-100_12 Datasheet
293Kb / 21P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
DS28E01G-100U MAXIM-DS28E01G-100U Datasheet
293Kb / 21P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
logo
Dallas Semiconductor
DS28E01-100 DALLAS-DS28E01-100 Datasheet
219Kb / 16P
   1K-Bit Protected 1-Wire EEPROM with SHA-1 Engine
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com