Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3505 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA3505
Description  Video control combination circuit with automatic cut-off control
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3505 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA3505 Datasheet HTML 2Page - NXP Semiconductors TDA3505 Datasheet HTML 3Page - NXP Semiconductors TDA3505 Datasheet HTML 4Page - NXP Semiconductors TDA3505 Datasheet HTML 5Page - NXP Semiconductors TDA3505 Datasheet HTML 6Page - NXP Semiconductors TDA3505 Datasheet HTML 7Page - NXP Semiconductors TDA3505 Datasheet HTML 8Page - NXP Semiconductors TDA3505 Datasheet HTML 9Page - NXP Semiconductors TDA3505 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
November 1987
6
Philips Semiconductors
Product specification
Video control combination circuit with automatic
cut-off control
TDA3505
TDA3506
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC134)
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
Supply voltage (pin 6)
VP =V6-24
13,2
V
Voltage ranges
at pins 10, 21, 22, 23, 25, 26
Vn-24
0VP
V
at pin 11
V11-24
−0,5
3,0
V
at pins 16, 19, 20
V16, 19, 20-24
0
0,5VP
V
at pins 1, 2, 3, 4, 5, 7, 8, 9,
12, 13, 14, 15, 17, 18, 27, 28
no external DC voltage
Currents
at pins 1, 3, 5
−I
1, 3, 5
3mA
at pin 19
I19
10
mA
at pin 20
I20
5mA
at pin 25
−I
25
5mA
Total power dissipation
Ptot
1,7
W
Storage temperature range
Tstg
−25
+150
°C
Operating ambient temperature range
Tamb
0
+70
°C


Similar Part No. - TDA3505

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3505 PHILIPS-TDA3505 Datasheet
136Kb / 15P
   Video control combination circuit with automatic cut-off control
November 1987
logo
List of Unclassifed Man...
TDA3505G ETC1-TDA3505G Datasheet
188Kb / 1P
   TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
More results

Similar Description - TDA3505

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3506 PHILIPS-TDA3506 Datasheet
136Kb / 15P
   Video control combination circuit with automatic cut-off control
November 1987
TDA3507 PHILIPS-TDA3507 Datasheet
144Kb / 14P
   Video control combination circuit with automatic cut-off control
November 1987
TDA4580 PHILIPS-TDA4580 Datasheet
998Kb / 16P
   Video control combination circuit with automatic cut-off control
March 1991
TDA3508 PHILIPS-TDA3508 Datasheet
107Kb / 16P
   Video control combination circuit with automatic cut-off control
1996 Oct 25
TDA4686 PHILIPS-TDA4686 Datasheet
145Kb / 28P
   Video processor with automatic cut-off control
1997 Jun 23
TDA4687 PHILIPS-TDA4687 Datasheet
129Kb / 24P
   Video processor with automatic cut-off control
1997 Jun 23
TDA4688 PHILIPS-TDA4688 Datasheet
130Kb / 24P
   Video processor with automatic cut-off control
1997 Jun 23
TDA4689 PHILIPS-TDA4689 Datasheet
129Kb / 24P
   Video processor with automatic cut-off control
1997 Jul 01
TDA4685 PHILIPS-TDA4685 Datasheet
129Kb / 24P
   Video processor with automatic cut-off control
1997 Jun 20
TDA4680 PHILIPS-TDA4680 Datasheet
243Kb / 28P
   Video processor with automatic cut-off and white level control
1996 Oct 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com