Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DER-36 Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # DER-36
Description  42W, 4 Output Supply using TOP245Y
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-36 Datasheet(HTML) 3 Page - Power Integrations, Inc.

  DER-36 Datasheet HTML 1Page - Power Integrations, Inc. DER-36 Datasheet HTML 2Page - Power Integrations, Inc. DER-36 Datasheet HTML 3Page - Power Integrations, Inc. DER-36 Datasheet HTML 4Page - Power Integrations, Inc. DER-36 Datasheet HTML 5Page - Power Integrations, Inc. DER-36 Datasheet HTML 6Page - Power Integrations, Inc. DER-36 Datasheet HTML 7Page - Power Integrations, Inc. DER-36 Datasheet HTML 8Page - Power Integrations, Inc. DER-36 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
DER-36
42W, 4 Output Set Top Box Supply
April 27, 2004
Page 3 of 23
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
1
Introduction
This document is an engineering report describing a 230VAC input, 4 output supply
power supply utilizing a TOP245Y. This power supply is intended for use in a set top box.
The document contains the power supply specification, schematic, bill of materials,
transformer documentation, printed circuit layout, and performance data.


Similar Part No. - DER-36

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-33 POWERINT-DER-33 Datasheet
540Kb / 24P
   3.9W CV/CC Charger using TNY266P with < 100 mW standby
DER-34 POWERINT-DER-34 Datasheet
435Kb / 19P
   13W Multiple Output Supply using TOP242P
DER-35 POWERINT-DER-35 Datasheet
551Kb / 22P
   3.5W CV/CC Adapter using TNY264P
DER-37 POWERINT-DER-37 Datasheet
1Mb / 32P
   16W Low Profile Adapter Supply using TOP245P
DER-38 POWERINT-DER-38 Datasheet
878Kb / 23P
   2.4W Power Supply using LNK520P
More results

Similar Description - DER-36

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-95 POWERINT-DER-95 Datasheet
1Mb / 22P
   30W Adapter using TOP245Y
DER-100 POWERINT-DER-100 Datasheet
691Kb / 22P
   24 W Primary-side Regulated Flyback Power Supply using TOP245Y
DER-34 POWERINT-DER-34 Datasheet
435Kb / 19P
   13W Multiple Output Supply using TOP242P
logo
STMicroelectronics
STEVAL-ISA001V1 STMICROELECTRONICS-STEVAL-ISA001V1 Datasheet
283Kb / 5P
   6W Dual Output Supply using VIPer12A
logo
Power Integrations, Inc...
DER-50 POWERINT-DER-50 Datasheet
957Kb / 31P
   30W Multiple Output Power Supply using TOP245R
DER-53 POWERINT-DER-53 Datasheet
1Mb / 27P
   20W Dual Output Power Supply using TOP247Y
logo
Chinfa Electronics Ind....
TDD40 CHINFA-TDD40_14 Datasheet
223Kb / 4P
   DC - DC CONVERTER 33 ~ 42W SINGLE & DUAL OUTPUT
TDD40-03S2 CHINFA-TDD40-03S2 Datasheet
332Kb / 4P
   DC - DC CONVERTER 33 ~ 42W SINGLE & DUAL OUTPUT
TDD40-03S2 CHINFA-TDD40-03S2_10 Datasheet
262Kb / 4P
   DC - DC CONVERTER 33 ~ 42W SINGLE & DUAL OUTPUT
logo
Power Integrations, Inc...
DER-108 POWERINT-DER-108 Datasheet
974Kb / 19P
   7.2 W Dual Output Power Supply using TNY267G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com