Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

45JER10LFT13 Datasheet(PDF) 4 Page - Bi technologies

Part # 45JER10LFT13
Description  4mm Square High Resolution - 15 Turn Surface Mount Cermet Trimming Potentiometer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

45JER10LFT13 Datasheet(HTML) 4 Page - Bi technologies

  45JER10LFT13 Datasheet HTML 1Page - Bi technologies 45JER10LFT13 Datasheet HTML 2Page - Bi technologies 45JER10LFT13 Datasheet HTML 3Page - Bi technologies 45JER10LFT13 Datasheet HTML 4Page - Bi technologies 45JER10LFT13 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1-28
Model 45
EXTENDED SHAFT OPTION (Inch/mm)
.018
±.007
0.46
±.18
Style 45JE shown.
Available for all Model 45 pin styles:
45G, 45J, 45W
PACKAGING
Standard: Embossed Tape & Reel
All units oriented with #1 pin to the right of the direction of feed.
13” Reel
7” Reel
Pin Style
G & J
W
G & J
W
Tape
Width
=
12 mm
16 mm
12 mm
16 mm
Sprocket
= 4 mm Pitch
4 mm Pitch
4 mm Pitch
4 mm Pitch
Capacity
= 1,000 Units
1,000 Units
500 Units
250 Units
Reel
Diameter
=
13” (330.2 mm)
7” (178 mm)
Option:
Anti-Static Tubes
All units oriented with #1 pin to same side.
Magazine
Capacity
=
100 Units


Similar Part No. - 45JER10LFT13

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
45J10RE OHMITE-45J10RE Datasheet
201Kb / 1P
   Ohmicone짰 Silicone-Ceramic Conformal Axial Term. Wirewound, 1% and 5% Tol. Std.
45J1K0E OHMITE-45J1K0E Datasheet
201Kb / 1P
   Ohmicone짰 Silicone-Ceramic Conformal Axial Term. Wirewound, 1% and 5% Tol. Std.
45J1R0E OHMITE-45J1R0E Datasheet
201Kb / 1P
   Ohmicone짰 Silicone-Ceramic Conformal Axial Term. Wirewound, 1% and 5% Tol. Std.
45J250E OHMITE-45J250E Datasheet
201Kb / 1P
   Ohmicone짰 Silicone-Ceramic Conformal Axial Term. Wirewound, 1% and 5% Tol. Std.
45J4K5E OHMITE-45J4K5E Datasheet
201Kb / 1P
   Ohmicone짰 Silicone-Ceramic Conformal Axial Term. Wirewound, 1% and 5% Tol. Std.
More results

Similar Description - 45JER10LFT13

ManufacturerPart #DatasheetDescription
logo
Bi technologies
23AR10KLFTR BITECH-23AR10KLFTR Datasheet
125Kb / 4P
   4mm Square Sealed Single Turn Surface Mount Cermet Trimming Potentiometer
23BR5KLFTR BITECH-23BR5KLFTR Datasheet
129Kb / 4P
   4mm Square Sealed Single Turn Surface Mount Cermet Trimming Potentiometer
44GR10KLFXX BITECH-44GR10KLFXX Datasheet
58Kb / 3P
   4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer
44WR50KLF BITECH-44WR50KLF Datasheet
56Kb / 3P
   4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer
24WR10KLFTR BITECH-24WR10KLFTR Datasheet
63Kb / 3P
   4mm Diameter Single Turn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
22AR500LFTR ETC-22AR500LFTR Datasheet
164Kb / 3P
   3 mm Square Sealed Single Turn Surface Mount Cermet Trimming Potentiometer
logo
Vishay Siliconix
5W-100 VISHAY-5W-100 Datasheet
181Kb / 2P
   5mm 11 Turn Surface Mount Cermet Trimming Potentiometer
Revision 16-Jul-03
logo
Bi technologies
25PR10KLF BITECH-25PR10KLF Datasheet
122Kb / 4P
   1/4??Square Single Turn Cermet Trimming Potentiometer
72PR10KLF BITECH-72PR10KLF Datasheet
81Kb / 6P
   3/8 Square Single Turn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
CT6S104 ETC1-CT6S104 Datasheet
369Kb / 6P
   Single Turn Trimming Potentiometer 6 mm Square, Cermet
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com