Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTM10AM05FTG Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APTM10AM05FTG
Description  Phase leg MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM10AM05FTG Datasheet(HTML) 2 Page - Microsemi Corporation

  APTM10AM05FTG Datasheet HTML 1Page - Microsemi Corporation APTM10AM05FTG Datasheet HTML 2Page - Microsemi Corporation APTM10AM05FTG Datasheet HTML 3Page - Microsemi Corporation APTM10AM05FTG Datasheet HTML 4Page - Microsemi Corporation APTM10AM05FTG Datasheet HTML 5Page - Microsemi Corporation APTM10AM05FTG Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
APTM10AM05FTG
www.microsemi.com
2 - 6
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VGS = 0V,VDS = 100V
Tj = 25°C
200
IDSS
Zero Gate Voltage Drain Current
VGS = 0V,VDS = 80V
Tj = 125°C
1000
µA
RDS(on)
Drain – Source on Resistance
VGS = 10V, ID = 125A
4.5
5
m
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 5mA
2
4
V
IGSS
Gate – Source Leakage Current
VGS = ±30 V, VDS = 0V
±200
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Ciss
Input Capacitance
20
Coss
Output Capacitance
8
Crss
Reverse Transfer Capacitance
VGS = 0V
VDS = 25V
f = 1MHz
2.9
nF
Qg
Total gate Charge
700
Qgs
Gate – Source Charge
120
Qgd
Gate – Drain Charge
VGS = 10V
VBus = 50V
ID = 250A
360
nC
Td(on)
Turn-on Delay Time
80
Tr
Rise Time
165
Td(off)
Turn-off Delay Time
280
Tf
Fall Time
Inductive switching @ 125°C
VGS = 15V
VBus = 66V
ID = 250A
RG = 2.5 Ω
135
ns
Eon
Turn-on Switching Energy
1.1
Eoff
Turn-off Switching Energy
Inductive switching @ 25°C
VGS = 15V, VBus = 66V
ID = 250A, RG =2.5Ω
1.2
mJ
Eon
Turn-on Switching Energy
1.22
Eoff
Turn-off Switching Energy
Inductive switching @ 125°C
VGS = 15V, VBus = 66V
ID = 250A, RG = 2.5Ω
1.28
mJ
Source - Drain diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Tc = 25°C
278
IS
Continuous Source current
(Body diode)
Tc = 80°C
207
A
VSD
Diode Forward Voltage
VGS = 0V, IS = - 250A
1.3
V
dv/dt
Peak Diode Recovery
5
V/ns
Tj = 25°C
190
trr
Reverse Recovery Time
Tj = 125°C
370
ns
Tj = 25°C
0.8
Qrr
Reverse Recovery Charge
IS = - 250A
VR = 50V
diS/dt = 200A/µs
Tj = 125°C
3.4
µC
dv/dt numbers reflect the limitations of the circuit rather than the device itself.
IS ≤ - 278A
di/dt
≤ 200A/µs
VR ≤ VDSS
Tj ≤ 150°C


Similar Part No. - APTM10AM05FTG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM10AM05FT ADPOW-APTM10AM05FT Datasheet
307Kb / 6P
   Phase leg MOSFET Power Module
More results

Similar Description - APTM10AM05FTG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM20AM04F ADPOW-APTM20AM04F Datasheet
285Kb / 6P
   Phase leg MOSFET Power Module
logo
Microsemi Corporation
APTM50A15FT1G MICROSEMI-APTM50A15FT1G Datasheet
194Kb / 5P
   Phase leg MOSFET Power Module
APTM60A23FT1G MICROSEMI-APTM60A23FT1G Datasheet
193Kb / 5P
   Phase leg MOSFET Power Module
APTM120A65FT1G MICROSEMI-APTM120A65FT1G Datasheet
147Kb / 5P
   Phase leg MOSFET Power Module
logo
Advanced Power Technolo...
APTM50AM19F ADPOW-APTM50AM19F Datasheet
288Kb / 6P
   Phase leg MOSFET Power Module
APTM20AM10FT ADPOW-APTM20AM10FT Datasheet
312Kb / 6P
   Phase leg MOSFET Power Module
APTM50AM35FT ADPOW-APTM50AM35FT Datasheet
301Kb / 6P
   Phase leg MOSFET Power Module
APTM120A15F ADPOW-APTM120A15F Datasheet
303Kb / 6P
   Phase leg MOSFET Power Module
APTM120A29FT ADPOW-APTM120A29FT Datasheet
313Kb / 6P
   Phase Leg MOSFET Power Module
logo
Microsemi Corporation
APTM20AM04FG MICROSEMI-APTM20AM04FG Datasheet
280Kb / 6P
   Phase leg MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com