Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7NK80Z-1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # B7NK80Z-1
Description  N-channel 800V - 1.5廓 - 5.2A - TO-220/TO-220FP/D2PAK/I2PAK Zener-protected SuperMESH??Power MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

B7NK80Z-1 Datasheet(HTML) 3 Page - STMicroelectronics

  B7NK80Z-1 Datasheet HTML 1Page - STMicroelectronics B7NK80Z-1 Datasheet HTML 2Page - STMicroelectronics B7NK80Z-1 Datasheet HTML 3Page - STMicroelectronics B7NK80Z-1 Datasheet HTML 4Page - STMicroelectronics B7NK80Z-1 Datasheet HTML 5Page - STMicroelectronics B7NK80Z-1 Datasheet HTML 6Page - STMicroelectronics B7NK80Z-1 Datasheet HTML 7Page - STMicroelectronics B7NK80Z-1 Datasheet HTML 8Page - STMicroelectronics B7NK80Z-1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
STP7NK80Z - STP7NK80ZFP - STB7NK80Z - STB7NK80Z-1
Electrical ratings
3/18
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220 / D²PAK
I²PAK
TO-220FP
VDS
Drain-source voltage (VGS = 0)
800
V
VGS
Gate- source voltage
± 30
V
ID
Drain current (continuous) at TC = 25°C
5.2
5.2 (1)
1.
Limited only by maximum temperature allowed
A
ID
Drain current (continuous) at TC = 100°C
3.3
3.3 (1)
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
20.8
20.8(1)
A
PTOT
Total dissipation at TC = 25°C
125
30
W
Derating factor
1
0.24
W/°C
VESD(G-S) Gate source ESD(HBM-C=100pF, R=1.5KΩ)
4000
V
dv/dt (3)
3.
ISD ≤5.2 A, di/dt ≤200A/µs, VDD ≤V(BR)DSS, Tj ≤TJMAX.
Peak diode recovery voltage slope
4.5
V/ns
VISO
Insulation withstand voltage (RMS) from all
three leads to external heat sink
(t=1s; Tc= 25°C)
--
2500
V
Tj
Tstg
Max operating junction temperature
Storage temperature
-55 to 150
°C
°C
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
TO-220/D2PAK
I2PAK
TO-220FP
Rthj-case Thermal resistance junction-case max
1
4.2
°C/W
Rthj-amb
Thermal resistance junction-ambient max
62.5
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C


Similar Part No. - B7NK80Z-1

ManufacturerPart #DatasheetDescription
logo
Jiangsu Donghai Semicon...
B7NE65 WXDH-B7NE65 Datasheet
1Mb / 11P
   7A 650V N-channel Enhancement Mode Power MOSFET
B7NE65 WXDH-B7NE65 Datasheet
1Mb / 11P
   7A 650V N-channel Enhancement Mode Power MOSFET
B7NE65 WXDH-B7NE65 Datasheet
1Mb / 11P
   7A 650V N-channel Enhancement Mode Power MOSFET
B7NE65 WXDH-B7NE65 Datasheet
1Mb / 11P
   7A 650V N-channel Enhancement Mode Power MOSFET
B7NE65 WXDH-B7NE65 Datasheet
1Mb / 11P
   7A 650V N-channel Enhancement Mode Power MOSFET
More results

Similar Description - B7NK80Z-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP7NK80Z STMICROELECTRONICS-STP7NK80Z Datasheet
588Kb / 13P
   N-CHANNEL800V-1.5ohm - 5.2A TO-220/TO-220FP/I2PAK/D2PAK Zener-Protected SuperMESH?줡ower MOSFET
STB6NK60Z STMICROELECTRONICS-STB6NK60Z Datasheet
558Kb / 17P
   N-channel 600V - 1廓 - 6A - TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH??Power MOSFET
STP7NK80Z STMICROELECTRONICS-STP7NK80Z_10 Datasheet
943Kb / 17P
   N-channel 800 V, 1.5 廓, 5.2 A, TO-220,TO-220FP,D2PAK,I2PAK Zener-protected SuperMESH??Power MOSFET
STP5NK80Z STMICROELECTRONICS-STP5NK80Z Datasheet
353Kb / 15P
   N-channel 800V - 1.9廓 - 4.3A - TO-220/TO-220FP Zener-protected SuperMESH??Power MOSFET
STB6NK60Z_0711 STMICROELECTRONICS-STB6NK60Z_0711 Datasheet
444Kb / 17P
   N-channel 600 V - 1 廓 - 6 A - TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH??Power MOSFET
STF6NK70Z STMICROELECTRONICS-STF6NK70Z_06 Datasheet
427Kb / 16P
   N-channel 700V - 1.5廓 - 5A - TO-220/TO-220FP Zener-protected SuperMESH??Power MOSFET
STP6NK60Z STMICROELECTRONICS-STP6NK60Z Datasheet
578Kb / 13P
   N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH?줡ower MOSFET
April 2003
STP8NK80Z STMICROELECTRONICS-STP8NK80Z_07 Datasheet
419Kb / 15P
   N-channel 800V - 1.3廓 - 6.2A - TO-220 /TO-220FP/TO-247 Zener-protected SuperMESH??Power MOSFET
STB12NK80Z STMICROELECTRONICS-STB12NK80Z_07 Datasheet
522Kb / 16P
   N-channel 800V - 0.65廓 - 10.5A - TO-220 - D2PAK - TO-247 Zener - Protected SuperMESH??Power MOSFET
STB10NK60Z STMICROELECTRONICS-STB10NK60Z_08 Datasheet
860Kb / 19P
   N-channel 650 V, 0.65 廓, 10 A, SuperMESH??Power MOSFET Zener-protected I2PAK, D2PAK, TO-220, TO-220FP, TO-247
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com