Electronic Components Datasheet Search |
|
44GR2MEGLFTB Datasheet(PDF) 1 Page - Bi technologies |
|
44GR2MEGLFTB Datasheet(HTML) 1 Page - Bi technologies |
1 / 3 page Seal 85°C Fluorinert® (No Leaks) Temperature Coefficient, Maximum ±100ppm/°C (<100 Ohms = ±250ppm/°C) Operating Temperature Range –65°C to +150°C Thermal Shock 5 cycles, –65°C to +150°C (2% ∆RT, 1% ∆VR) Moisture Resistance Ten 24 hour cycles (2% ∆RT, IR 10 Megohms Min.) Shock, 6ms Sawtooth 100G’s (1% ∆RT, 1% ∆VR) Vibration 20G’s, 10 to 2,000 Hz (1% ∆RT, 1% ∆VR) Rotational Life 200 cycles (3% ∆RT, 1% CRV) Load Life at 0.25 Watts 1,000 hours at 85°C (2% ∆RT, 1% CRV) Resistance to Solder Heat 260°C for 10 sec. (1% ∆RT) Temperature Exposure, Maximum 215°C for 3 min. (1% ∆RT) Solderability Per MIL-STD-202, Method 208 MECHANICAL Mechanical Stops Clutch action, both ends Torque, Starting Maximum 3 oz.-in. (0.021 N-m) Weight, Nominal .01 oz. (0.3 grams) 1 1-21 Standard Resistance Range, Ohms 10 to 2Meg Standard Resistance Tolerance ±10% (<100 Ohms = ±20%) Input Voltage, Maximum 300 Vdc or rms not to exceed power rating Slider Current, Maximum 100mA or within rated power, whichever is less Power Rating, Watts 0.25 at 85°C derating to 0 at 150°C End Resistance, Maximum 1% or 2 Ohms, whichever is greater Actual Electrical Travel, Turns, Nominal 9 Dielectric Strength 600Vrms Insulation Resistance, Minimum 1,000 Megohms Resolution Essentially infinite Contact Resistance Variation, Maximum 1% or 3 Ohms, whichever is greater ENVIRONMENTAL MODEL 44 4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer Fluorinert® is a registered trademark of 3M Company. Specifications subject to change without notice. Model 44 ELECTRICAL |
Similar Part No. - 44GR2MEGLFTB |
|
Similar Description - 44GR2MEGLFTB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |