Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DER-41 Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # DER-41
Description  3.7W Power Supply Using TNY263P
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-41 Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button DER-41 Datasheet HTML 7Page - Power Integrations, Inc. DER-41 Datasheet HTML 8Page - Power Integrations, Inc. DER-41 Datasheet HTML 9Page - Power Integrations, Inc. DER-41 Datasheet HTML 10Page - Power Integrations, Inc. DER-41 Datasheet HTML 11Page - Power Integrations, Inc. DER-41 Datasheet HTML 12Page - Power Integrations, Inc. DER-41 Datasheet HTML 13Page - Power Integrations, Inc. DER-41 Datasheet HTML 14Page - Power Integrations, Inc. DER-41 Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
DER-41
5V and 22V LCD TV Standby PS
November 18, 2004
9 Transformer Spreadsheets
ACDC_TNY-II_040104; Rev.1.1; Copyright
Power Integrations Inc. 2004
INPUT
OUTPUT UNIT
ACDC_TNYII_040104_Rev1-1.xls; TinySwitch-II Continuous/Discontinuous
Flyback Transformer Design Spreadsheet
ENTER APPLICATION VARIABLES
VACMIN
80
Volts
Minimum AC Input Voltage
VACMAX
288
Volts
Maximum AC Input Voltage
fL
50
Hertz
AC Mains Frequency
VO
5
Volts
Output Voltage
PO
4
Watts
Output Power
n
0.7
Efficiency Estimate
Z
0.5
Loss Allocation Factor
tC
3 mSecond
s
Bridge Rectifier Conduction Time Estimate
CIN
20
uFarads
Input Filter Capacitor
ENTER TinySwitch-II VARIABLES
TinySwitch-II
TNY26
3
Universal 115 Doubled/230V
Chosen Device
Power Out 4.7W
7.5W
ILIMITMIN
0.195 Amps
TinySwitch-II Minimum Current Limit
ILIMITMAX
0.225 Amps
TinySwitch-II Maximum Current Limit
fS
132000 Hertz
TinySwitch-II Switching Frequency
fSmin
120000 Hertz
TinySwitch-II Minimum Switching Frequency (inc. jitter)
fSmax
144000 Hertz
TinySwitch-II Maximum Switching Frequency (inc. jitter)
VOR
74
Volts
Reflected Output Voltage
VDS
12
12 Volts
TinySwitch-II on-state Drain to Source Voltage
VD
0.56
Volts
Output Winding Diode Forward Voltage Drop
KP
0.68
Ripple to Peak Current Ratio (0.6<KRP<1.0 : 1.0<KDP<6.0)
ENTER TRANSFORMER CORE/CONSTRUCTION VARIABLES
Core Type
EE16
Core
P/N:
PC40EE16-Z
Bobbin
P/N:
BE-16-118CPH
AE
0.192 cm^2
Core Effective Cross Sectional Area
LE
3.5 cm
Core Effective Path Length
AL
1140 nH/T^2
Ungapped Core Effective Inductance
BW
8.5 mm
Bobbin Physical Winding Width
M
mm
Safety Margin Width (Half the Primary to Secondary Creepage Distance)
L
2
Number of Primary Layers
NS
8
Number of Secondary Turns
DC INPUT VOLTAGE
PARAMETERS
VMIN
94 Volts
Minimum DC Input Voltage
VMAX
407 Volts
Maximum DC Input Voltage
CURRENT WAVEFORM SHAPE
PARAMETERS
DMAX
0.47
Maximum Duty Cycle
IAVG
0.06 Amps
Average Primary Current
Page 11 of 22
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com


Similar Part No. - DER-41

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-40 POWERINT-DER-40 Datasheet
1Mb / 30P
   21W (45W peak) Multiple Output Power Supply using TOP246Y
DER-42 POWERINT-DER-42 Datasheet
966Kb / 19P
   2.25W Power Supply using LNK520P
DER-43 POWERINT-DER-43 Datasheet
988Kb / 23P
   24.5W Power Supply using DPA424G
DER-44 POWERINT-DER-44 Datasheet
1Mb / 30P
   41W (53Wpk) Power Supply using TOP246Y
DER-45 POWERINT-DER-45 Datasheet
105Kb / 9P
   1.8W non-isolated Power Supply using LNK304
More results

Similar Description - DER-41

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-52 POWERINT-DER-52 Datasheet
644Kb / 26P
   3.9W Power Supply using TNY263P
DER-38 POWERINT-DER-38 Datasheet
878Kb / 23P
   2.4W Power Supply using LNK520P
DER-42 POWERINT-DER-42 Datasheet
966Kb / 19P
   2.25W Power Supply using LNK520P
DER-57 POWERINT-DER-57 Datasheet
1Mb / 26P
   3W Power Supply using LNK501P
DER-43 POWERINT-DER-43 Datasheet
988Kb / 23P
   24.5W Power Supply using DPA424G
DER-109 POWERINT-DER-109 Datasheet
408Kb / 14P
   0.7W Power Supply using LNK353P
DER-51 POWERINT-DER-51 Datasheet
517Kb / 30P
   16W Power Supply using TOP243P
logo
STMicroelectronics
AN1246 STMICROELECTRONICS-AN1246 Datasheet
103Kb / 8P
   power supply using VIPer20A-E
logo
Power Integrations, Inc...
DER-107 POWERINT-DER-107 Datasheet
1,010Kb / 26P
   10W Compact Power Supply using TOP245R
DER-60 POWERINT-DER-60 Datasheet
626Kb / 25P
   8.75 W Power Supply using TNY268P
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com