Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DER-42 Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # DER-42
Description  2.25W Power Supply using LNK520P
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-42 Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button DER-42 Datasheet HTML 3Page - Power Integrations, Inc. DER-42 Datasheet HTML 4Page - Power Integrations, Inc. DER-42 Datasheet HTML 5Page - Power Integrations, Inc. DER-42 Datasheet HTML 6Page - Power Integrations, Inc. DER-42 Datasheet HTML 7Page - Power Integrations, Inc. DER-42 Datasheet HTML 8Page - Power Integrations, Inc. DER-42 Datasheet HTML 9Page - Power Integrations, Inc. DER-42 Datasheet HTML 10Page - Power Integrations, Inc. DER-42 Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
DER-42
Portable CD Player – LNK520P
November 18, 2004
5 PCB Layout
Figure 4 – PCB Layout
Page 7 of 19
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com


Similar Part No. - DER-42

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-40 POWERINT-DER-40 Datasheet
1Mb / 30P
   21W (45W peak) Multiple Output Power Supply using TOP246Y
DER-41 POWERINT-DER-41 Datasheet
1Mb / 22P
   3.7W Power Supply Using TNY263P
DER-43 POWERINT-DER-43 Datasheet
988Kb / 23P
   24.5W Power Supply using DPA424G
DER-44 POWERINT-DER-44 Datasheet
1Mb / 30P
   41W (53Wpk) Power Supply using TOP246Y
DER-45 POWERINT-DER-45 Datasheet
105Kb / 9P
   1.8W non-isolated Power Supply using LNK304
More results

Similar Description - DER-42

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-38 POWERINT-DER-38 Datasheet
878Kb / 23P
   2.4W Power Supply using LNK520P
DER-75 POWERINT-DER-75 Datasheet
614Kb / 23P
   2.4 W Power Supply using LNK520P
DER-39 POWERINT-DER-39 Datasheet
814Kb / 23P
   2.5W Adapter using LNK520P
DER-56 POWERINT-DER-56 Datasheet
694Kb / 24P
   4.8W Charger using LNK520P
DER-52 POWERINT-DER-52 Datasheet
644Kb / 26P
   3.9W Power Supply using TNY263P
DER-57 POWERINT-DER-57 Datasheet
1Mb / 26P
   3W Power Supply using LNK501P
DER-43 POWERINT-DER-43 Datasheet
988Kb / 23P
   24.5W Power Supply using DPA424G
DER-109 POWERINT-DER-109 Datasheet
408Kb / 14P
   0.7W Power Supply using LNK353P
DER-41 POWERINT-DER-41 Datasheet
1Mb / 22P
   3.7W Power Supply Using TNY263P
DER-51 POWERINT-DER-51 Datasheet
517Kb / 30P
   16W Power Supply using TOP243P
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com