Part Name
         Description
APTM20AM06SG

 Phase leg Series & parallel diodes MOSFET Power Module ( 6 Page)


MICROSEMI
100% 
Zoom Out Zoom In
   
 6 page
background image
APTM20AM06SG
www.microsemi.com
6 - 6
Delay Times vs Current
td(on)
td(off)
10
20
30
40
50
60
70
80
90
100 150 200 250 300 350 400 450 500
ID, Drain Current (A)
VDS=133V
RG=0.8Ω
TJ=125°C
L=100µH
Rise and Fall times vs Current
tr
tf
0
20
40
60
80
100
120
140
160
100 150 200 250 300 350 400 450 500
ID, Drain Current (A)
VDS=133V
RG=0.8Ω
TJ=125°C
L=100µH
Switching Energy vs Current
Eon
Eoff
0
500
1000
1500
2000
2500
3000
3500
4000
100 150 200 250 300 350 400 450 500
ID, Drain Current (A)
VDS=133V
RG=0.8Ω
TJ=125°C
L=100µH
Eon
Eoff
Eoff
1000
2000
3000
4000
5000
6000
0
2468
10
Gate Resistance (Ohms)
Switching Energy vs Gate Resistance
VDS=133V
ID=300A
TJ=125°C
L=100µH
Hard
switching
ZCS
ZVS
0
50
100
150
200
250
300
350
400
30 60 90 120 150 180 210 240 270
ID, Drain Current (A)
Operating Frequency vs Drain Current
VDS=133V
D=50%
RG=0.8Ω
TJ=125°C
TC=75°C
TJ=25°C
TJ=150°C
1
10
100
1000
10000
0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9
VSD, Source to Drain Voltage (V)
Source to Drain Diode Forward Voltage
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
1  2  3  4  5  6 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
APTC60AM18SCGPhase leg Series & SiC parallel diodes Super Junction MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTC60AM35SCTGPhase leg Series & SiC parallel diodes Super Junction MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTC80A10SCTGPhase leg Series & SiC parallel diodes Super Junction MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTC80AM75SCGPhase leg Series & SiC parallel diodes Super Junction MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTC80A15SCTGPhase leg Serie & SiC parallel diodes Super Junction MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTC60HM70SCTGFull - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTC80H29SCTGFull - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM10AM05FTGPhase leg MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM10TAM09FPGTriple phase leg MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM10TAM19FPGTriple phase leg MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl