Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DER-59 Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # DER-59
Description  4.8 W Buck-Boost Converter Using LNK306P
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-59 Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button DER-59 Datasheet HTML 6Page - Power Integrations, Inc. DER-59 Datasheet HTML 7Page - Power Integrations, Inc. DER-59 Datasheet HTML 8Page - Power Integrations, Inc. DER-59 Datasheet HTML 9Page - Power Integrations, Inc. DER-59 Datasheet HTML 10Page - Power Integrations, Inc. DER-59 Datasheet HTML 11Page - Power Integrations, Inc. DER-59 Datasheet HTML 12Page - Power Integrations, Inc. DER-59 Datasheet HTML 13Page - Power Integrations, Inc. DER-59 Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
DER-59
-24 V / 200 mA LNK306 Buck-Boost Circuit
June 6, 2006
Page 10 of 17
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
7.3
Line/Load Regulation
75.00%
80.00%
85.00%
90.00%
95.00%
100.00%
105.00%
110.00%
115.00%
120.00%
125.00%
80
90
100
110
120
130
140
Input Voltage (VAC)
No Load
Light Load (50mA)
Half Load (100mA)
Full Load (200mA)
Figure 6 – Line/Load Regulation, Room Temperature.


Similar Part No. - DER-59

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-50 POWERINT-DER-50 Datasheet
957Kb / 31P
   30W Multiple Output Power Supply using TOP245R
DER-51 POWERINT-DER-51 Datasheet
517Kb / 30P
   16W Power Supply using TOP243P
DER-52 POWERINT-DER-52 Datasheet
644Kb / 26P
   3.9W Power Supply using TNY263P
DER-53 POWERINT-DER-53 Datasheet
1Mb / 27P
   20W Dual Output Power Supply using TOP247Y
DER-55 POWERINT-DER-55 Datasheet
715Kb / 26P
   10.5 W Multi Output Isolated Power Supply using TNY267P
More results

Similar Description - DER-59

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-49 POWERINT-DER-49 Datasheet
578Kb / 17P
   3W Non-Isolated Buck-Boost Converter using LNK305P
logo
STMicroelectronics
AN1514 STMICROELECTRONICS-AN1514 Datasheet
265Kb / 17P
   buck-boost converter using VIPer12A-E/22A-E
logo
Texas Instruments
LM3279 TI1-LM3279_16 Datasheet
1Mb / 37P
[Old version datasheet]   Buck-Boost Converter
logo
Power Integrations, Inc...
DER-92 POWERINT-DER-92 Datasheet
251Kb / 14P
   0.5W Non-Isolated Buck-Boost Converter using the LNK302P
logo
STMicroelectronics
AN4314 STMICROELECTRONICS-AN4314 Datasheet
2Mb / 31P
   25 W wide-range high power factor buck-boost converter demonstration board using the L6564H
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
   Buck-boost DC-DC converter
February 2009 Rev 1
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
   Buck-Boost DC-DC converter
logo
Texas Instruments
LM3209-G3 TI1-LM3209-G3_16 Datasheet
1Mb / 22P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter
logo
Richtek Technology Corp...
RT6150A RICHTEK-RT6150A Datasheet
188Kb / 13P
   Current Mode Buck-Boost Converter
logo
STMicroelectronics
AN1894 STMICROELECTRONICS-AN1894 Datasheet
310Kb / 14P
   BUCK-BOOST CONVERTER REFERENCE BOARD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com