Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DER-94 Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # DER-94
Description  46 W Power Supply using TOP246Y
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-94 Datasheet(HTML) 5 Page - Power Integrations, Inc.

  DER-94 Datasheet HTML 1Page - Power Integrations, Inc. DER-94 Datasheet HTML 2Page - Power Integrations, Inc. DER-94 Datasheet HTML 3Page - Power Integrations, Inc. DER-94 Datasheet HTML 4Page - Power Integrations, Inc. DER-94 Datasheet HTML 5Page - Power Integrations, Inc. DER-94 Datasheet HTML 6Page - Power Integrations, Inc. DER-94 Datasheet HTML 7Page - Power Integrations, Inc. DER-94 Datasheet HTML 8Page - Power Integrations, Inc. DER-94 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
DER-94
LCD Monitor Internal Supply
September 12, 2005
Page 5 of 34
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
2
Power Supply Specification
Description
Symbol
Min
Typ
Max
Units
Comment
Input
Voltage
VIN
90
265
VAC
3 Wire
Frequency
fLINE
47
50/60
64
Hz
Standby Input Power (265 VAC)
0.9W
W
5V @ 60ma, 12V @ 0.0ma
Output
Output Voltage 1
VOUT1
4.75
5.00
5.25
V
± 5%
Output Ripple Voltage 1
VRIPPLE1
100
mV
20 MHz Bandwidth, burst load
Output Current 1
IOUT1
0
1
2.0
A
Output Voltage 2
VOUT1
11.4
12
12.6
V
Output Ripple Voltage 2
VRIPPLE2
250
mV
20MHz bandwidth, burst load
Output Current 2
IOUT2
1
2.5
3
A
Total Output Power
35
46
Continuous Output Power
POUT
35
46
W
Peak Output Power
POUT_PEAK
46
W
Efficiency
η
81
84
%
Measured at POUT (46 W), 25
oC
Environmental
Conducted EMI
Meets CISPR22B / EN55022B
Safety
Designed to meet IEC950, UL1950
Class II
Surge
3
4
kV
1.2/50
µs surge, IEC 1000-4-5,
Series Impedance:
Differential Mode 2
Common Mode: 12
Surge
TBD
kV
100 kHz ring wave, 500 A short
circuit current, differential and
common mode
Ambient Temperature
TAMB
0
60
oC
Free convection, sea level


Similar Part No. - DER-94

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-92 POWERINT-DER-92 Datasheet
251Kb / 14P
   0.5W Non-Isolated Buck-Boost Converter using the LNK302P
DER-95 POWERINT-DER-95 Datasheet
1Mb / 22P
   30W Adapter using TOP245Y
DER-96 POWERINT-DER-96 Datasheet
1Mb / 33P
   10 W Power Supply using DPA423P
DER-97 POWERINT-DER-97 Datasheet
1Mb / 31P
   21.7 W Power Supply using TOP246P
DER-98 POWERINT-DER-98 Datasheet
1Mb / 30P
   41W (53Wpk) Power Supply using TOP246Y
More results

Similar Description - DER-94

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-44 POWERINT-DER-44 Datasheet
1Mb / 30P
   41W (53Wpk) Power Supply using TOP246Y
DER-98 POWERINT-DER-98 Datasheet
1Mb / 30P
   41W (53Wpk) Power Supply using TOP246Y
DER-40 POWERINT-DER-40 Datasheet
1Mb / 30P
   21W (45W peak) Multiple Output Power Supply using TOP246Y
DER-97 POWERINT-DER-97 Datasheet
1Mb / 31P
   21.7 W Power Supply using TOP246P
DER-60 POWERINT-DER-60 Datasheet
626Kb / 25P
   8.75 W Power Supply using TNY268P
DER-75 POWERINT-DER-75 Datasheet
614Kb / 23P
   2.4 W Power Supply using LNK520P
DER-99 POWERINT-DER-99 Datasheet
579Kb / 29P
   17.4 W Power Supply using TOP244P
DER-96 POWERINT-DER-96 Datasheet
1Mb / 33P
   10 W Power Supply using DPA423P
DER-114 POWERINT-DER-114 Datasheet
698Kb / 28P
   21 W Standby Power Supply using TNY280P
EPR-000013 POWERINT-EPR-000013 Datasheet
1Mb / 56P
   Engineering Prototype Report (EP13) 43 W / 57 W pk, 5 Output TOPSwitch??GX (TOP246Y) Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com