Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DER-96 Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # DER-96
Description  10 W Power Supply using DPA423P
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-96 Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button DER-96 Datasheet HTML 7Page - Power Integrations, Inc. DER-96 Datasheet HTML 8Page - Power Integrations, Inc. DER-96 Datasheet HTML 9Page - Power Integrations, Inc. DER-96 Datasheet HTML 10Page - Power Integrations, Inc. DER-96 Datasheet HTML 11Page - Power Integrations, Inc. DER-96 Datasheet HTML 12Page - Power Integrations, Inc. DER-96 Datasheet HTML 13Page - Power Integrations, Inc. DER-96 Datasheet HTML 14Page - Power Integrations, Inc. DER-96 Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
DER-96
10 W VoIP
September 12, 2005
Page 11 of 33
CONFIDENTIAL
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
6
Layout
Figure 2 – PC-Board Layout (see schematic for *MP and *NP parts)


Similar Part No. - DER-96

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-92 POWERINT-DER-92 Datasheet
251Kb / 14P
   0.5W Non-Isolated Buck-Boost Converter using the LNK302P
DER-94 POWERINT-DER-94 Datasheet
596Kb / 34P
   46 W Power Supply using TOP246Y
DER-95 POWERINT-DER-95 Datasheet
1Mb / 22P
   30W Adapter using TOP245Y
DER-97 POWERINT-DER-97 Datasheet
1Mb / 31P
   21.7 W Power Supply using TOP246P
DER-98 POWERINT-DER-98 Datasheet
1Mb / 30P
   41W (53Wpk) Power Supply using TOP246Y
More results

Similar Description - DER-96

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-97 POWERINT-DER-97 Datasheet
1Mb / 31P
   21.7 W Power Supply using TOP246P
DER-60 POWERINT-DER-60 Datasheet
626Kb / 25P
   8.75 W Power Supply using TNY268P
DER-75 POWERINT-DER-75 Datasheet
614Kb / 23P
   2.4 W Power Supply using LNK520P
DER-94 POWERINT-DER-94 Datasheet
596Kb / 34P
   46 W Power Supply using TOP246Y
DER-99 POWERINT-DER-99 Datasheet
579Kb / 29P
   17.4 W Power Supply using TOP244P
logo
CUI INC
VDRS-10 CUI-VDRS-10 Datasheet
191Kb / 4P
   10 W MINI POWER SUPPLY
logo
Power Integrations, Inc...
DER-114 POWERINT-DER-114 Datasheet
698Kb / 28P
   21 W Standby Power Supply using TNY280P
DER-108 POWERINT-DER-108 Datasheet
974Kb / 19P
   7.2 W Dual Output Power Supply using TNY267G
DER-55 POWERINT-DER-55 Datasheet
715Kb / 26P
   10.5 W Multi Output Isolated Power Supply using TNY267P
DER-105 POWERINT-DER-105 Datasheet
605Kb / 24P
   19.3 W Wide Range Flyback Power Supply using TOP243Y
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com