Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3601AQ Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA3601AQ
Description  Multiple output voltage regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3601AQ Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA3601AQ Datasheet HTML 2Page - NXP Semiconductors TDA3601AQ Datasheet HTML 3Page - NXP Semiconductors TDA3601AQ Datasheet HTML 4Page - NXP Semiconductors TDA3601AQ Datasheet HTML 5Page - NXP Semiconductors TDA3601AQ Datasheet HTML 6Page - NXP Semiconductors TDA3601AQ Datasheet HTML 7Page - NXP Semiconductors TDA3601AQ Datasheet HTML 8Page - NXP Semiconductors TDA3601AQ Datasheet HTML 9Page - NXP Semiconductors TDA3601AQ Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1995 Dec 13
6
Philips Semiconductors
Product specification
Multiple output voltage regulators
TDA3601Q
TDA3601AQ
CHARACTERISTICS
VP1 =VP2 = 13.2 V, Tamb =25 °C, Cout =10 µF; unless otherwise specified (see Fig.5).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP1
supply voltage range
operating
11
13.2
18
V
VP1
supply voltage range
load dump; notes 1and 2
−−
50
V
VP2
supply voltage range
operating
11
13.2
18
V
VP2
supply voltage range
load dump; note 1
−−
50
V
IP1
quiescent current
VP2 = 0; note 3
1.1
1.4
mA
Schmitt triggers
VP2-SENSE THRESHOLD
Vthr
rising threshold voltage
7.6
8
8.4
V
Vthf
falling threshold voltage
6.2
6.5
6.8
V
Vhy
hysteresis
1.35
1.5
1.65
V
OUT-OF-REGULATION THRESHOLD
Vthr
rising threshold voltage
6.8
7.35
7.9
V
Vthf
falling threshold voltage
5.5
5.95
6.4
V
Vhy
hysteresis
1.2
1.4
1.6
V
Reset circuits (for timing, see Fig.3)
trst1
reset delay time
Crst = 100 nF
20
40
100
ms
trst
reset hold time
50
100
150
µs
Vrl
reset low
Isync =1mA
0.15
0.8
V
Icr
delay current (pin 1 to Crst)
−−5
−µA
tr
reset rise time
note 4
−−
1
µs
tf
reset fall time
note 4
−−
1
µs
VCAP
voltage pin 1
Crst = 0
5.5
6.0
V
Rsp
spike-on reset
on-state; note 5
0
100
mV
Regulators
SELECTOR CONTROL INPUTS R4-SEL AND R5-SEL
Vsl
input low voltage
−0.5
0.8
V
Vsh
input high voltage
2
−−
V
Ihs
input high current
VRXsel > 2V
−−
1
µA
Ils
input low current
VRXsel < 0.8 V
−1
−−µA


Similar Part No. - TDA3601AQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3602 PHILIPS-TDA3602 Datasheet
205Kb / 26P
   Multiple output voltage regulator
July 1994
TDA3603 PHILIPS-TDA3603 Datasheet
121Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 15
TDA3603P PHILIPS-TDA3603P Datasheet
121Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 15
TDA3604Q PHILIPS-TDA3604Q Datasheet
129Kb / 20P
   Multiple voltage regulators with external reset delay and switch
1997 Aug 21
TDA3604TH PHILIPS-TDA3604TH Datasheet
129Kb / 20P
   Multiple voltage regulators with external reset delay and switch
1997 Aug 21
More results

Similar Description - TDA3601AQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3608THQ PHILIPS-TDA3608THQ Datasheet
122Kb / 22P
   Multiple voltage regulators with switch
2003 Nov 28
TDA3602 PHILIPS-TDA3602 Datasheet
205Kb / 26P
   Multiple output voltage regulator
July 1994
TDA3604Q PHILIPS-TDA3604Q Datasheet
129Kb / 20P
   Multiple voltage regulators with external reset delay and switch
1997 Aug 21
logo
Torex Semiconductor
XC62H TOREX-XC62H_1 Datasheet
1Mb / 19P
   Positive Voltage Regulators (Output ON/OFF)
logo
First Components Intern...
LM7900 FCI-LM7900 Datasheet
551Kb / 7P
   3-Terminal Negative Output Voltage Regulators
logo
Fairchild Semiconductor
KA278RA05C FAIRCHILD-KA278RA05C Datasheet
208Kb / 20P
   2A Output Low Dropout Voltage Regulators
logo
Texas Instruments
TPS73HD301 TI1-TPS73HD301_16 Datasheet
990Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI-TPS73HD301_15 Datasheet
985Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI-TPS767D301 Datasheet
285Kb / 19P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA78R05C FAIRCHILD-KA78R05C Datasheet
189Kb / 20P
   1A Output Low Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com