Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTM20TDUM16PG Datasheet(PDF) 6 Page - Microsemi Corporation

Part # APTM20TDUM16PG
Description  Triple dual common source MOSFET Power Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM20TDUM16PG Datasheet(HTML) 6 Page - Microsemi Corporation

  APTM20TDUM16PG Datasheet HTML 1Page - Microsemi Corporation APTM20TDUM16PG Datasheet HTML 2Page - Microsemi Corporation APTM20TDUM16PG Datasheet HTML 3Page - Microsemi Corporation APTM20TDUM16PG Datasheet HTML 4Page - Microsemi Corporation APTM20TDUM16PG Datasheet HTML 5Page - Microsemi Corporation APTM20TDUM16PG Datasheet HTML 6Page - Microsemi Corporation APTM20TDUM16PG Datasheet HTML 7Page - Microsemi Corporation APTM20TDUM16PG Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
APTM20TDUM16PG
www.microsemi.com
6 – 8
Delay Times vs Current
td(on)
td(off)
0
20
40
60
80
100
120
0
25
50
75
100 125 150 175
ID, Drain Current (A)
VDS=133V
RG=5Ω
TJ=125°C
L=100µH
Rise and Fall times vs Current
tr
tf
0
20
40
60
80
100
120
140
160
0
25
50
75
100 125 150 175
ID, Drain Current (A)
VDS=133V
RG=5Ω
TJ=125°C
L=100µH
Switching Energy vs Current
Eon
Eoff
Eoff
0
0.5
1
1.5
2
0
25
50
75
100 125 150 175
ID, Drain Current (A)
VDS=133V
RG=5Ω
TJ=125°C
L=100µH
Eon
Eoff
0.5
1
1.5
2
2.5
3
0
5 10 15 20 25 30 35 40 45 50
Gate Resistance (Ohms)
Switching Energy vs Gate Resistance
VDS=133V
ID=104A
TJ=125°C
L=100µH
Hard
switching
ZCS
ZVS
0
50
100
150
200
250
300
25
38
50
63
75
88
100
ID, Drain Current (A)
Operating Frequency vs Drain Current
VDS=133V
D=50%
RG=5Ω
TJ=125°C
TC=75°C
TJ=25°C
TJ=150°C
1
10
100
1000
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
VSD, Source to Drain Voltage (V)
Source to Drain Diode Forward Voltage
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APTM20TDUM16PG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM20TDUM16P ADPOW-APTM20TDUM16P Datasheet
313Kb / 6P
   Triple dual common source MOSFET Power Module
More results

Similar Description - APTM20TDUM16PG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM50TDUM65P ADPOW-APTM50TDUM65P Datasheet
316Kb / 6P
   Triple dual common source MOSFET Power Module
APTM20TDUM16P ADPOW-APTM20TDUM16P Datasheet
313Kb / 6P
   Triple dual common source MOSFET Power Module
logo
Microsemi Corporation
APTM10TDUM19PG MICROSEMI-APTM10TDUM19PG Datasheet
287Kb / 7P
   Triple dual common source MOSFET Power Module
logo
Advanced Power Technolo...
APTM120TDU57P ADPOW-APTM120TDU57P Datasheet
316Kb / 6P
   Triple dual common source MOSFET Power Module
APTM08TDUM04P ADPOW-APTM08TDUM04P Datasheet
308Kb / 6P
   Triple dual common source MOSFET Power Module
APTM100TDU35P ADPOW-APTM100TDU35P Datasheet
316Kb / 6P
   Triple dual common source MOSFET Power Module
logo
Microsemi Corporation
APTM120TDU57PG MICROSEMI-APTM120TDU57PG Datasheet
296Kb / 6P
   Triple dual common source MOSFET Power Module
logo
Advanced Power Technolo...
APTM10TDUM19P ADPOW-APTM10TDUM19P Datasheet
311Kb / 6P
   Triple dual common source MOSFET Power Module
logo
Microsemi Corporation
APTM08TDUM04PG MICROSEMI-APTM08TDUM04PG Datasheet
283Kb / 6P
   Triple dual common source MOSFET Power Module
APTM10TDUM09PG MICROSEMI-APTM10TDUM09PG Datasheet
286Kb / 6P
   Triple dual common source MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com