Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTM50DUM35TG Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APTM50DUM35TG
Description  Dual common source MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM50DUM35TG Datasheet(HTML) 4 Page - Microsemi Corporation

  APTM50DUM35TG Datasheet HTML 1Page - Microsemi Corporation APTM50DUM35TG Datasheet HTML 2Page - Microsemi Corporation APTM50DUM35TG Datasheet HTML 3Page - Microsemi Corporation APTM50DUM35TG Datasheet HTML 4Page - Microsemi Corporation APTM50DUM35TG Datasheet HTML 5Page - Microsemi Corporation APTM50DUM35TG Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
APTM50DUM35TG
www.microsemi.com
4 – 6
Typical Performance Curve
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
5V
5.5V
6V
6.5V
7V
8V
0
100
200
300
400
0
5
10
15
20
25
VDS, Drain to Source Voltage (V)
VGS=10&15V
Low Voltage Output Characteristics
Transfert Characteristics
TJ=-55°C
TJ=25°C
TJ=125°C
0
50
100
150
200
250
300
0246
8
VGS, Gate to Source Voltage (V)
VDS > ID(on)xRDS(on)MAX
250µs pulse test @ < 0.5 duty cycle
RDS(on) vs Drain Current
VGS=10V
VGS=20V
0.9
0.95
1
1.05
1.1
0
20406080
100
120
ID, Drain Current (A)
Normalized to
VGS=10V @ 49.5A
0
10
20
30
40
50
60
70
80
90
100
25
50
75
100
125
150
TC, Case Temperature (°C)
DC Drain Current vs Case Temperature


Similar Part No. - APTM50DUM35TG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM50DUM35T ADPOW-APTM50DUM35T Datasheet
296Kb / 6P
   Dual common source MOSFET Power Module
More results

Similar Description - APTM50DUM35TG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM20DUM05 ADPOW-APTM20DUM05 Datasheet
289Kb / 6P
   Dual common source MOSFET Power Module
APTM10DUM02 ADPOW-APTM10DUM02 Datasheet
297Kb / 6P
   Dual Common Source MOSFET Power Module
logo
Microsemi Corporation
APTM10DUM02G MICROSEMI-APTM10DUM02G Datasheet
274Kb / 6P
   Dual Common Source MOSFET Power Module
APTM20DUM05G MICROSEMI-APTM20DUM05G Datasheet
283Kb / 6P
   Dual common source MOSFET Power Module
APTM50DUM19G MICROSEMI-APTM50DUM19G Datasheet
281Kb / 6P
   Dual common source MOSFET Power Module
logo
Advanced Power Technolo...
APTM20DUM10T ADPOW-APTM20DUM10T Datasheet
303Kb / 6P
   Dual common source MOSFET Power Module
APTM120DU29T ADPOW-APTM120DU29T Datasheet
313Kb / 6P
   Dual Common Source MOSFET Power Module
logo
Microsemi Corporation
APTM20DUM04G MICROSEMI-APTM20DUM04G Datasheet
281Kb / 7P
   Dual common source MOSFET Power Module
APTM120DU15G MICROSEMI-APTM120DU15G Datasheet
279Kb / 7P
   Dual common source MOSFET Power Module
APTM50DUM38TG MICROSEMI-APTM50DUM38TG Datasheet
293Kb / 6P
   Dual common source MOSFET Power Module
logo
Advanced Power Technolo...
APTM50DUM35T ADPOW-APTM50DUM35T Datasheet
296Kb / 6P
   Dual common source MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com