Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DER-112 Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # DER-112
Description  20 W and 30 W Boost Converters with Constant Current Output using DPA423G and DPA424G
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-112 Datasheet(HTML) 3 Page - Power Integrations, Inc.

  DER-112 Datasheet HTML 1Page - Power Integrations, Inc. DER-112 Datasheet HTML 2Page - Power Integrations, Inc. DER-112 Datasheet HTML 3Page - Power Integrations, Inc. DER-112 Datasheet HTML 4Page - Power Integrations, Inc. DER-112 Datasheet HTML 5Page - Power Integrations, Inc. DER-112 Datasheet HTML 6Page - Power Integrations, Inc. DER-112 Datasheet HTML 7Page - Power Integrations, Inc. DER-112 Datasheet HTML 8Page - Power Integrations, Inc. DER-112 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DER-112
20 W / 30 W Constant Current LED Backlight Driver
July 19, 2006
Page 3 of 17
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
1
Introduction
This document is an engineering report describing two constant current and constant
voltage (CC/CV) power supplies utilizing DPA423G (at 20 W) and DPA424G (at 30 W).
The power supplies operate from an input of 24 VDC. The power supply is constant-
current regulated (to 500 mA) but operates as a voltage regulator at lower power.
This document provides complete design information including specification, schematic,
bill of material and layout information.
Figure 1 – Photograph – Top View – Board 1.


Similar Part No. - DER-112

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-110 POWERINT-DER-110 Datasheet
624Kb / 23P
   7.3 W Dual Output Non-Isolated Power Supply using TNY266P
DER-111 POWERINT-DER-111 Datasheet
672Kb / 23P
   3.15W Adapter with < 100 mW standby using LNK500P
DER-113 POWERINT-DER-113 Datasheet
565Kb / 25P
   5 W, 5 V Charger using TNY274P
DER-114 POWERINT-DER-114 Datasheet
698Kb / 28P
   21 W Standby Power Supply using TNY280P
More results

Similar Description - DER-112

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7265B STMICROELECTRONICS-TDA7265B Datasheet
814Kb / 18P
   30 W 30 W stereo amplifier with mute and standby
logo
Shenzhen Sunnyway Batte...
SW121000E SUNNYWAY-SW121000E_17 Datasheet
477Kb / 1P
   Constant Current(Amp) and Constant Power(W att) Discharge Table at 25
logo
Texas Instruments
TPS61235 TI-TPS61235_15 Datasheet
914Kb / 36P
[Old version datasheet]   TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature
TPS61235P TI1-TPS61235P Datasheet
1Mb / 38P
[Old version datasheet]   TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature
logo
Emerson Network Power
RFF500 EMERSON-NETWORKPOWER-RFF500 Datasheet
288Kb / 5P
   DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
logo
Artesyn Technologies
RFF500 ARTESYN-RFF500 Datasheet
288Kb / 5P
   DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
RFF500-24S28Y ARTESYN-RFF500-24S28Y_14 Datasheet
117Kb / 5P
   DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
logo
Texas Instruments
TPA2015D1 TI-TPA2015D1 Datasheet
871Kb / 25P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_10 Datasheet
1,022Kb / 27P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_15 Datasheet
760Kb / 26P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com