Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3606A Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA3606A
Description  Multiple voltage regulator with battery detection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3606A Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA3606A Datasheet HTML 7Page - NXP Semiconductors TDA3606A Datasheet HTML 8Page - NXP Semiconductors TDA3606A Datasheet HTML 9Page - NXP Semiconductors TDA3606A Datasheet HTML 10Page - NXP Semiconductors TDA3606A Datasheet HTML 11Page - NXP Semiconductors TDA3606A Datasheet HTML 12Page - NXP Semiconductors TDA3606A Datasheet HTML 13Page - NXP Semiconductors TDA3606A Datasheet HTML 14Page - NXP Semiconductors TDA3606A Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1998 May 07
11
Philips Semiconductors
Product specification
Multiple voltage regulator with battery
detection
TDA3606A
PACKAGE OUTLINE
UNIT
A
max.
A1
A2
A3
bp
cD
(1)
E
(1)
(1)
eHE
LLp
Q
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
2.65
0.30
0.10
2.45
2.25
0.49
0.36
0.32
0.23
13.0
12.6
7.6
7.4
1.27
10.65
10.00
1.1
1.0
0.9
0.4
8
0
o
o
0.25
0.1
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
1.1
0.4
SOT163-1
10
20
w M
b p
detail X
Z
e
11
1
D
y
0.25
075E04
MS-013AC
pin 1 index
0.10
0.012
0.004
0.096
0.089
0.019
0.014
0.013
0.009
0.51
0.49
0.30
0.29
0.050
1.4
0.055
0.419
0.394
0.043
0.039
0.035
0.016
0.01
0.25
0.01
0.004
0.043
0.016
0.01
0
5
10 mm
scale
X
θ
A
A1
A2
HE
L p
Q
E
c
L
v M A
(A )
3
A
SO20: plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1
95-01-24
97-05-22


Similar Part No. - TDA3606A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3606 PHILIPS-TDA3606 Datasheet
95Kb / 16P
   Multiple voltage regulator with battery detection
1998 Jun 16
TDA3606T PHILIPS-TDA3606T Datasheet
95Kb / 16P
   Multiple voltage regulator with battery detection
1998 Jun 16
More results

Similar Description - TDA3606A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3606 PHILIPS-TDA3606 Datasheet
95Kb / 16P
   Multiple voltage regulator with battery detection
1998 Jun 16
TDA3616 PHILIPS-TDA3616 Datasheet
94Kb / 20P
   Multiple voltage regulator with battery detection
2000 Jan 14
TDA3607 PHILIPS-TDA3607 Datasheet
85Kb / 16P
   Multiple voltage regulator with switch
1997 May 05
TDA3608Q PHILIPS-TDA3608Q Datasheet
123Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 14
TDA3603 PHILIPS-TDA3603 Datasheet
121Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 15
TDA3605Q PHILIPS-TDA3605Q Datasheet
122Kb / 16P
   Multiple voltage regulator with switch
1997 Jul 09
logo
Sanyo Semicon Device
LA5619M SANYO-LA5619M Datasheet
165Kb / 8P
   Lead Battery Charger IC with Battery Voltage Detection Function
logo
NXP Semiconductors
TDA3615J PHILIPS-TDA3615J Datasheet
113Kb / 18P
   Multiple voltage regulator
2004 Jan 12
TDA3617 PHILIPS-TDA3617 Datasheet
79Kb / 16P
   Multiple voltage regulator
1999 Jul 14
TDA3682 PHILIPS-TDA3682 Datasheet
95Kb / 20P
   Multiple voltage regulator with power switches
2002 Mar 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com