Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DER-121 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DER-121
Description  13.1 W AC-DC Flyback Converter Using TNY268P
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-121 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DER-121 Datasheet HTML 1Page - Power Integrations, Inc. DER-121 Datasheet HTML 2Page - Power Integrations, Inc. DER-121 Datasheet HTML 3Page - Power Integrations, Inc. DER-121 Datasheet HTML 4Page - Power Integrations, Inc. DER-121 Datasheet HTML 5Page - Power Integrations, Inc. DER-121 Datasheet HTML 6Page - Power Integrations, Inc. DER-121 Datasheet HTML 7Page - Power Integrations, Inc. DER-121 Datasheet HTML 8Page - Power Integrations, Inc. DER-121 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Power Integrations
5245 Hellyer Avenue, San Jose, CA 95138 USA.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Design Example Report
Title
13.1 W AC-DC Flyback Converter Using
TNY268P
Specification
Input: 90 – 264 VAC
Output: 5.25 V / 2.5 A
Application
Adapter
Author
Power Integrations Applications Department
Document
Number
DER-121
Date
November 3, 2005
Revision
1.0
Summary and Features
• Universal Input 90 VAC to 264 VAC
• Low Cost, Low Parts Count
• Minimum No Load Power Consumption <0.3 W at 264 VAC
• Meets CISPR22B EMI with Margin
• Efficiency >70% minimum.
• Meet CEC efficiency requirement with 5.25V2.5A.
• Meets +/-6KV-200A Lightning Surge.
• Cost reduced circuit does not require TVS
The products and applications illustrated herein (including circuits external to the products and transformer
construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign
patent applications assigned to Power Integrations. A complete list of Power Integrations’ patents may be found at
www.powerint.com.


Similar Part No. - DER-121

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-120 POWERINT-DER-120 Datasheet
1Mb / 25P
   22 W Triple Output Flyback Converter using DPA424R
More results

Similar Description - DER-121

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-60 POWERINT-DER-60 Datasheet
626Kb / 25P
   8.75 W Power Supply using TNY268P
DI-51 POWERINT-DI-51 Datasheet
54Kb / 2P
   5 W Flyback DC-DC Converter
DI-29 POWERINT-DI-29 Datasheet
66Kb / 2P
   25 W Flyback DC-DC Converter
DER-120 POWERINT-DER-120 Datasheet
1Mb / 25P
   22 W Triple Output Flyback Converter using DPA424R
EPR-29 POWERINT-EPR-29 Datasheet
2Mb / 36P
   Engineering Prototype Report for EP-29 - Multiple Output 11 W (15.5 W peak) AC-DC Power Supply using TNY268P
logo
PREMO CORPORATION S.L
P215 PREMO-P215_14 Datasheet
109Kb / 5P
   AC-DC Flyback planar xfmr 15 W
logo
STMicroelectronics
STEVAL-ISA182V1 STMICROELECTRONICS-STEVAL-ISA182V1 Datasheet
212Kb / 4P
   8.4 W / 30 W peak power offline flyback converter using VIPER38HD
October 2016 Rev 1
logo
Power Integrations, Inc...
EPR-68 POWERINT-EPR-68 Datasheet
2Mb / 28P
   Engineering Prototype Report for EP 68 - 6.6 W DC-DC Flyback Converter Using DPA-Switch- (DPA423G)
logo
Fairchild Semiconductor
AN-9737 FAIRCHILD-AN-9737 Datasheet
390Kb / 11P
   Design Guideline for Single-Stage Flyback AC-DC Converter Using FL6961 for LED Lighting
logo
MORNSUN Science& Techno...
LH20-10B03 MORNSUN-LH20-10B03_15 Datasheet
1Mb / 8P
   20(25)W, AC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com