Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82WFR100LF Datasheet(PDF) 2 Page - Bi technologies

Part # 82WFR100LF
Description  1/4 Diameter Single Turn Cermet Trimming Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

82WFR100LF Datasheet(HTML) 2 Page - Bi technologies

  82WFR100LF Datasheet HTML 1Page - Bi technologies 82WFR100LF Datasheet HTML 2Page - Bi technologies 82WFR100LF Datasheet HTML 3Page - Bi technologies 82WFR100LF Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1-66
Model 82
Model 82PA
SIDE ADJUSTMENT (Inch/mm)
.10
2.54
.10
2.54
.185
± .015
4.669
± 0.381
.035
0.889
.10
2.54
.17
4.32
.28
7.11
Case: Plastic
Housing: Metal
Model No. And Resistance
Value marked on this surface
.205
± .015
5.207
± 0.381
.36
9.14
.25
6.35
(3)
(2)
(1)
Min.
.012
0.305
Min.
(2)
(3)
(1)
.10
2.54
.10
2.54
.10
2.54
.17
4.32
.18
4.57
Min.
Model 82M
(2)
(1)
(3)
.10
2.5
.10
2.5
.21
5.3
.18
4.57
.020
0.51
Min.
Min.
Standoffs
Model 82W
90
° ±5°
(2)
(3)
(1)
.110
± .005
2.794
± 0.127
.025
± .005
0.635
± 0.127
Long X
.035
± .005
0.889
± 0.127
Wide X
Deep Slot
.250
± .015
6.350
± 0.381
Dia.
Terminal Pins (3)
Solderable
.017
± .003
0.432
± 0.076
Dia.
.140
3.556
Max.
.011
0.28
A
Standoffs
Housing Metal
Min.
.10
2.54
.10
2.54
.025
0.635
.25
6.35
Min.
.625
15.875
Min.
82P
82PF
Model
Dim. A
TOP ADJUSTMENT (Inch/mm)
Model 82P, 82PF
Note: Model 82P dimensions applicable to all models except as noted.


Similar Part No. - 82WFR100LF

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
82WFR10KLFTR TTELEC-82WFR10KLFTR Datasheet
816Kb / 4P
   SINGLE TURN TRIMMER
More results

Similar Description - 82WFR100LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
62PR10KLF BITECH-62PR10KLF Datasheet
56Kb / 3P
   1/4 Diameter Single Turn Cermet Trimming Potentiometer
93PR10KLF BITECH-93PR10KLF_12 Datasheet
55Kb / 3P
   1/2 Diameter Single Turn Cermet Trimming Potentiometer
93PR10KLF BITECH-93PR10KLF Datasheet
49Kb / 3P
   1/2 Diameter Single Turn Cermet Trimming Potentiometer
24WR10KLFTR BITECH-24WR10KLFTR Datasheet
63Kb / 3P
   4mm Diameter Single Turn Cermet Trimming Potentiometer
25PR10KLF BITECH-25PR10KLF Datasheet
122Kb / 4P
   1/4??Square Single Turn Cermet Trimming Potentiometer
91PR10KLF BITECH-91PR10KLF Datasheet
69Kb / 4P
   3/8 Diameter Single Turn Cermet Trimming Potentiometer
83PR10KLF BITECH-83PR10KLF Datasheet
55Kb / 3P
   1/4 Single Turn Surface Mount Cermet Trimming Potentiometer
72PR10KLF BITECH-72PR10KLF Datasheet
81Kb / 6P
   3/8 Square Single Turn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
CT6S104 ETC1-CT6S104 Datasheet
369Kb / 6P
   Single Turn Trimming Potentiometer 6 mm Square, Cermet
logo
Bi technologies
64PR10KLF BITECH-64PR10KLF_08 Datasheet
63Kb / 4P
   1/4 Square Multiturn Cermet Trimming Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com