Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7379 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7379
Description  4 X 13 - 2 X 38W AUDIO POWER AMPLIFIER 2 X 13 1 X 38W AUDIO POWER AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7379 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7379 Datasheet HTML 1Page - STMicroelectronics TDA7379 Datasheet HTML 2Page - STMicroelectronics TDA7379 Datasheet HTML 3Page - STMicroelectronics TDA7379 Datasheet HTML 4Page - STMicroelectronics TDA7379 Datasheet HTML 5Page - STMicroelectronics TDA7379 Datasheet HTML 6Page - STMicroelectronics TDA7379 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
TDA7379
March 2004
This is preliminary information on a new product now in development. Details are subject to change without notice.
HIGH OUTPUT POWER CAPABILITY
2 x 38W/4
Ω @18V, 1KHz, 10%
4 x 11W/4
Ω @18V, 1KHz, 10%
2 x 20W/8
Ω @18V; 1KHz, 10%
4 x 13W/2
Ω @15V, 1KHz, 10%
2 x 34W/8
Ω @ 22V, 1kHz, 10%
MINIMUM EXTERNAL COMPONENTS
COUNT:
– NO BOOTSTRAP CAPACITORS
– NO BOUCHEROT CELLS
– INTERNALLY FIXED GAIN (26dB BTL)
ST-BY FUNCTION (CMOS COMPATIBLE)
NO AUDIBLE POP DURING ST-BY
OPERATIONS
DIAGNOSTIC FACILITIES
– CLIP DETECTOR
– OUT TO GND SHORT
–OUT TO VS SHORT
– SOFT SHORT AT TURN-ON
– THERMAL SHUTDOWN PROXIMITY
Protections:
OUPUT AC/DC SHORT CIRCUIT
– TO GND
–TO VS
– ACROSS THE LOAD
SOFT SHORT AT TURN-ON
OVERRATING CHIP TEMPERATURE WITH
SOFT THERMAL LIMITER
FORTUITOUS OPEN GND
REVERSED BATTERY
ESD
Multiwatt15 (Vertical)
ORDERING NUMBER: TDA7379
PRODUCT PREVIEW
4 X 13 - 2 X 38W AUDIO POWER AMPLIFIER
2 X 13 + 1 X 38W AUDIO POWER AMPLIFIER
BLOCK DIAGRAM


Similar Part No. - TDA7379

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7370 STMICROELECTRONICS-TDA7370 Datasheet
259Kb / 17P
   QUAD POWER AMPLIFIER FOR CAR RADIO
TDA7370B STMICROELECTRONICS-TDA7370B Datasheet
259Kb / 17P
   QUAD POWER AMPLIFIER FOR CAR RADIO
TDA7370B STMICROELECTRONICS-TDA7370B Datasheet
7Mb / 17P
   QUAD POWER AMPLIFIER FOR CAR RADIO
TDA7370BV STMICROELECTRONICS-TDA7370BV Datasheet
7Mb / 17P
   QUAD POWER AMPLIFIER FOR CAR RADIO
TDA7372A STMICROELECTRONICS-TDA7372A Datasheet
170Kb / 10P
   4 x 6W POWER AMPLIFIER FOR CAR RADIO
More results

Similar Description - TDA7379

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA7496L SILAN-SA7496L Datasheet
279Kb / 9P
   2CH AUDIO POWER AMPLIFIER(2W X 2)
SA7267 SILAN-SA7267 Datasheet
292Kb / 10P
   2CH AUDIO POWER AMPLIFIER(20W X 2)
SC7422 SILAN-SC7422 Datasheet
169Kb / 8P
   2CH AUDIO POWER AMPLIFIER (W x 2)
logo
NXP Semiconductors
TDA8542 PHILIPS-TDA8542 Datasheet
162Kb / 20P
   2 x 1 W BTL audio amplifier
1998 Apr 01
TDA8512J PHILIPS-TDA8512J Datasheet
165Kb / 24P
   26 W BTL and 2 x 13 W SE or 4 x 13 W SE power amplifier
2001 Nov 16
logo
Princeton Technology Co...
PT2004 PTC-PT2004 Datasheet
226Kb / 3P
   2.2W x 2 Class-D Audio Power Amplifier
PT2832 PTC-PT2832 Datasheet
309Kb / 5P
   22W x 2, Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
CD2025 ETC2-CD2025 Datasheet
198Kb / 4P
   2.3W x 2 dual-channel audio power amplifier
logo
Unisonic Technologies
PA7493 UTC-PA7493_15 Datasheet
278Kb / 7P
   2W X 2 CLASS AB AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
CD2025CP ETC2-CD2025CP Datasheet
154Kb / 4P
   2.3W X 2 Dual-channel audio power amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com