Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66PR50LF Datasheet(PDF) 4 Page - Bi technologies

Part # 66PR50LF
Description  3/8 Square Multiturn Cermet Trimming Potentiometer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

66PR50LF Datasheet(HTML) 4 Page - Bi technologies

  66PR50LF Datasheet HTML 1Page - Bi technologies 66PR50LF Datasheet HTML 2Page - Bi technologies 66PR50LF Datasheet HTML 3Page - Bi technologies 66PR50LF Datasheet HTML 4Page - Bi technologies 66PR50LF Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Model 66
1-42
Standard:
Boxes
Capacity
=
100 Units (66W)
=
50 Units (All other styles)
Option:
Tubes
All units oriented with #1 pin to same side.
Pin Style
P
W
X
Magazine
Width
=
0.57”
0.28”
0.28”
Height
=
0.66”
0.93”
0.93”
Length
=
20.9”
20.6”
24.4”
Capacity
=
50 Units 50 Units 50 Units
Option:
Tape & Reel, Ammo Pack (Available only for 66X and 66W)
All units oriented with #1 pin to the right of the direction of feed.
Seat Plane to
Centerline of
Sprocket Hole
=
.71” (18 mm)
Tape
Width
=
18 mm
Sprocket
=
Single Hole .50” spacing
Capacity
=
1,000 Units
Reel
Diameter
=
14” (363 mm)
Ammo
Tape Fold
=
12” (305 mm)
Box
=
1.8” x 13” x 10”
(46mm x 330mm x 254mm)
PACKAGING


Similar Part No. - 66PR50LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
66PFR10KLF BITECH-66PFR10KLF Datasheet
266Kb / 3P
   Cermet Trimming Potentiometer
logo
TT Electronics.
66PFR10KLFAP TTELEC-66PFR10KLFAP Datasheet
893Kb / 4P
   MULTI-TURN TRIMMER
66PFR10KLFTB TTELEC-66PFR10KLFTB Datasheet
893Kb / 4P
   MULTI-TURN TRIMMER
66PFR10KLFTR TTELEC-66PFR10KLFTR Datasheet
893Kb / 4P
   MULTI-TURN TRIMMER
More results

Similar Description - 66PR50LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
67PR10KLF BITECH-67PR10KLF Datasheet
66Kb / 5P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
68XR500LF ETC2-68XR500LF Datasheet
272Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
67WR2K BITECH-67WR2K Datasheet
474Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
67XR10K ETC-67XR10K Datasheet
380Kb / 3P
   3/8??Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
68PR10KLF BITECH-68PR10KLF Datasheet
61Kb / 4P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
68WR1K ETC2-68WR1K Datasheet
272Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
64PR10KLF BITECH-64PR10KLF_08 Datasheet
63Kb / 4P
   1/4 Square Multiturn Cermet Trimming Potentiometer
64PR10KLF BITECH-64PR10KLF Datasheet
59Kb / 4P
   1/4 Square Multiturn Cermet Trimming Potentiometer
44GR10KLFXX BITECH-44GR10KLFXX Datasheet
58Kb / 3P
   4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer
44WR50KLF BITECH-44WR50KLF Datasheet
56Kb / 3P
   4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com