Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W567S020 Datasheet(PDF) 10 Page - Winbond

Part # W567S020
Description  8-CHANNEL SPEECHMELODY PROCESSOR (BandDirectorTM Series)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W567S020 Datasheet(HTML) 10 Page - Winbond

Back Button W567S020 Datasheet HTML 5Page - Winbond W567S020 Datasheet HTML 6Page - Winbond W567S020 Datasheet HTML 7Page - Winbond W567S020 Datasheet HTML 8Page - Winbond W567S020 Datasheet HTML 9Page - Winbond W567S020 Datasheet HTML 10Page - Winbond W567S020 Datasheet HTML 11Page - Winbond W567S020 Datasheet HTML 12Page - Winbond W567S020 Datasheet HTML 13Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
W567SXXX
- 10 -
6.3 W567S080~S341
W567S080
|
W567S341
ROSC
OSC
X32I
X32O
VDD
VSS
/RESET
DAC0
DAC1
0.1uF
4.7uF
BP00
|
BP07
BP10
|
BP17
BP20
|
BP27
IP00
|
IP07
VDD
VDDOSC
0.1uF
32K
Battery
10
+
VSSOSC
Reset
Switch
Speaker1
8050
Rs
Speaker0
8050
VDD
Rs
Notes:
1.
The typical value of Rosc is 150 K
Ω for 8MHz and 300 KΩ for 4MHz and should be connected to GND (VSS).
2.
Please refer to design guide to get typical Rosc value for each part number.
3.
For W567S080~S341, VSSOSC should be connected to VSS; and VDDOSC should be connected to VDD in PCB
layout.
4.
The Rs value is suggested in 270
Ω ~ 1KΩ to limit too large DAC output current flowing into transistor.
5.
The 10
Ω and 0.1µF between VDD, VDDOSC and GND are optional to filter power noise.
6.
The capacitor, 4.7
µF, shunts between VDD and GND is necessary as power stability. But the value of capacitor is
depend on the application.
7.
The above application circuits are for reference only. No warranty for mass production.


Similar Part No. - W567S020

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W567S020 ETC2-W567S020 Datasheet
512Kb / 13P
   8-CHANNEL SPEECHMELODY PROCESSOR
logo
Nuvoton Technology Corp...
W567S020 NUVOTON-W567S020 Datasheet
512Kb / 13P
   8-CHANNEL SPEECHMELODY PROCESSOR
More results

Similar Description - W567S020

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W567SXXX ETC2-W567SXXX Datasheet
512Kb / 13P
   8-CHANNEL SPEECHMELODY PROCESSOR
logo
Nuvoton Technology Corp...
W567SXXX NUVOTON-W567SXXX Datasheet
512Kb / 13P
   8-CHANNEL SPEECHMELODY PROCESSOR
W567JXXX NUVOTON-W567JXXX Datasheet
638Kb / 13P
   6-CHANNEL SPEECHMELODY PROCESSOR
logo
List of Unclassifed Man...
W567CP260 ETC2-W567CP260 Datasheet
718Kb / 13P
   16-CHANNEL SPEECHMELODY PROCESSOR
W567JXXX ETC2-W567JXXX Datasheet
638Kb / 13P
   6-CHANNEL SPEECHMELODY PROCESSOR
W567CXXX ETC2-W567CXXX Datasheet
710Kb / 13P
   16-CHANNEL SPEECHMELODY PROCESSOR
logo
Nuvoton Technology Corp...
W567CP260 NUVOTON-W567CP260 Datasheet
718Kb / 13P
   16-CHANNEL SPEECHMELODY PROCESSOR
W567CXXX NUVOTON-W567CXXX Datasheet
710Kb / 13P
   16-CHANNEL SPEECHMELODY PROCESSOR
N588H NUVOTON-N588H Datasheet
939Kb / 20P
   3-CHANNEL SPEECHMELODY
logo
OKI electronic componet...
MSM7630 OKI-MSM7630 Datasheet
650Kb / 95P
   Universal Speech Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com