Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3616T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA3616T
Description  Multiple voltage regulator with battery detection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3616T Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA3616T Datasheet HTML 1Page - NXP Semiconductors TDA3616T Datasheet HTML 2Page - NXP Semiconductors TDA3616T Datasheet HTML 3Page - NXP Semiconductors TDA3616T Datasheet HTML 4Page - NXP Semiconductors TDA3616T Datasheet HTML 5Page - NXP Semiconductors TDA3616T Datasheet HTML 6Page - NXP Semiconductors TDA3616T Datasheet HTML 7Page - NXP Semiconductors TDA3616T Datasheet HTML 8Page - NXP Semiconductors TDA3616T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2000 Jan 14
2
Philips Semiconductors
Objective specification
Multiple voltage regulator with battery
detection
TDA3616
FEATURES
General
• One VP-state controlled regulator
• Battery detection circuit
• Regulator, reset and battery outputs operate during load
dump
• Supply voltage range from −18 to +50 V
• Low quiescent current (battery detection switched off)
• High ripple rejection
• Dual reset output
• Backup circuit
• Adjustable reset delay timer.
Protections
• Reverse polarity safe (down to −18 V without high
reverse current)
• Able to withstand voltages up to 18 V at the output
(supply line may be short-circuited)
• ESD protected on all pins
• Load dump protection
• Foldback current limit protection for regulator
• The regulator output is DC short-circuited safe to ground
and VP.
GENERAL DESCRIPTION
The TDA3616 is a low power voltage regulator. It contains
the following:
• One fixed voltage regulator with a foldback current
protection, intended to supply a microprocessor, that
also operates during load dump
• A provision for use of a reserve supply capacitor that will
hold enough energy for the regulator to allow a
microcontroller to prepare for loss of supply voltage
• Reset signals which can be used to interface with the
microprocessor
• A supply pin that can withstand load dump pulses and
negative supply voltages
• Defined start-up behaviour; regulator will be switched on
at a supply voltage higher than 7.5 V and off when the
output voltage of the regulator drops below 2.4 V.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
operating
regulator on
5.6
14.4
25
V
jump start
t
≤ 10 minutes
−−
30
V
load dump protection
t
≤ 50 ms; t
r ≥ 2.5 ms
−−
50
V
Iq
quiescent supply current
standby mode
95
125
µA
standby mode; Tamb =25 °C
95
120
µA
Regulator
Vo
output voltage
0.5 mA
≤ IREG ≤ 150 mA;
7V
≤ VP ≤ 18 V; Tamb =25 °C
4.8
5.0
5.2
V
0.5 mA
≤ I
REG ≤ 150 mA;
7V
≤ VP ≤ 18 V
4.75
5.0
5.25
V
IREG = 30 mA;
18 V
≤ VP ≤ 50 V; load dump
4.75
5.0
5.25
V
Vdrop
drop-out voltage
IREG = 150 mA; VP =5V;
Tamb =25 °C
0.6
1.0
V


Similar Part No. - TDA3616T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3615J PHILIPS-TDA3615J Datasheet
113Kb / 18P
   Multiple voltage regulator
2004 Jan 12
TDA3617 PHILIPS-TDA3617 Datasheet
79Kb / 16P
   Multiple voltage regulator
1999 Jul 14
TDA3617J PHILIPS-TDA3617J Datasheet
79Kb / 16P
   Multiple voltage regulator
1999 Jul 14
TDA3618 PHILIPS-TDA3618 Datasheet
121Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
2001 May 02
TDA3618 PHILIPS-TDA3618 Datasheet
110Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
1999 Sep 01
More results

Similar Description - TDA3616T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3606 PHILIPS-TDA3606 Datasheet
95Kb / 16P
   Multiple voltage regulator with battery detection
1998 Jun 16
TDA3606A PHILIPS-TDA3606A Datasheet
98Kb / 16P
   Multiple voltage regulator with battery detection
1998 May 07
TDA3607 PHILIPS-TDA3607 Datasheet
85Kb / 16P
   Multiple voltage regulator with switch
1997 May 05
TDA3608Q PHILIPS-TDA3608Q Datasheet
123Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 14
TDA3603 PHILIPS-TDA3603 Datasheet
121Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 15
TDA3605Q PHILIPS-TDA3605Q Datasheet
122Kb / 16P
   Multiple voltage regulator with switch
1997 Jul 09
logo
Sanyo Semicon Device
LA5619M SANYO-LA5619M Datasheet
165Kb / 8P
   Lead Battery Charger IC with Battery Voltage Detection Function
logo
NXP Semiconductors
TDA3615J PHILIPS-TDA3615J Datasheet
113Kb / 18P
   Multiple voltage regulator
2004 Jan 12
TDA3617 PHILIPS-TDA3617 Datasheet
79Kb / 16P
   Multiple voltage regulator
1999 Jul 14
TDA3682 PHILIPS-TDA3682 Datasheet
95Kb / 20P
   Multiple voltage regulator with power switches
2002 Mar 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com